Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK03C2DPB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK03C2DPB
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03C2DPB Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK03C2DPB Datasheet HTML 1Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 2Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 3Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 4Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 5Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 6Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK03C2DPB
Preliminary
REJ03G1831-0200 Rev.2.00 Sep 29, 2009
Page 3 of 6
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain Current
ID
(A)
Static Drain to Source on State Resistance
vs. Drain Current
100
80
60
40
20
0
2
468
10
100
80
60
40
20
0
12
3
4
5
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
VGS = 2.4 V
Pulse Test
1
0.3
0.1
30
300
1
10
100
1000
3
200
150
100
50
0
4
8
12
16
20
Pulse Test
ID = 20 A
10 A
10
3
VGS = 4.5 V
10 V
2.6 V
2.8 V
10 V
3.0 V
4.5 V
Pulse Test
5 A
Case Temperature
Tc (°C)
Power vs. Temperature Derating
80
60
40
20
0
50
100
150
200
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
0.1
1
10
100
10
100
1000
1
0.1
PW = 10 ms
1 ms
Operation in
this area is
limited by RDS(on)
Tc = 25
°C
1 shot Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com