Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK03C2DPB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK03C2DPB
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03C2DPB Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK03C2DPB Datasheet HTML 1Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 2Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 3Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 4Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 5Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 6Page - Renesas Technology Corp RJK03C2DPB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1831-0200 Rev.2.00 Sep 29, 2009
Page 1 of 6
Preliminary
RJK03C2DPB
Silicon N Channel Power MOS FET with Schottky Barrier Diode
Power Switching
REJ03G1831-0200
Rev.2.00
Sep 29, 2009
Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 1.9 mΩ typ. (at VGS = 10 V)
• Pb-free
• Halogen-free
Outline
RENESAS Package code: PTZZ0005DA-A
(Package name: LFPAK)
1, 2, 3
Source
4
Gate
5
Drain
1 2
3 4
5
G
D
SS S
DD D
4
12 3
56 7 8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
55
A
Drain peak current
ID(pulse)
Note1
220
A
Body-drain diode reverse drain current
IDR
55
A
Avalanche current
IAP
Note 2
25
A
Avalanche energy
EAR
Note 2
62.5
mJ
Channel dissipation
Pch
Note3
60
W
Channel to Case Thermal Resistance
θch-C
2.09
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Value at Tch = 25
°C, Rg ≥ 50 Ω
3. Tc = 25
°C


Similar Part No. - RJK03C2DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03C0DPA RENESAS-RJK03C0DPA Datasheet
260Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK03C0DPA RENESAS-RJK03C0DPA Datasheet
123Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK03C0DPA-00-J53 RENESAS-RJK03C0DPA-00-J53 Datasheet
260Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK03C0DPA-00-J53 RENESAS-RJK03C0DPA-00-J53 Datasheet
123Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK03C0DPA-00-J5A RENESAS-RJK03C0DPA-00-J5A Datasheet
132Kb / 7P
N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03C2DPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0379DPA RENESAS-RJK0379DPA Datasheet
256Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0381DPA RENESAS-RJK0381DPA Datasheet
250Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB Datasheet
268Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0380DPA RENESAS-RJK0380DPA_10 Datasheet
88Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03A04DPA RENESAS-RJK03A04DPA Datasheet
88Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA Datasheet
86Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0206DPA RENESAS-RJK0206DPA Datasheet
85Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0208DPA RENESAS-RJK0208DPA Datasheet
85Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA Datasheet
101Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03C1DPB RENESAS-RJK03C1DPB_15 Datasheet
277Kb / 9P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com