Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6RGBCT Datasheet(PDF) 4 Page - HB Electronic Components

Part # PLCC6RGBCT
Description  SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6RGBCT Datasheet(HTML) 4 Page - HB Electronic Components

  PLCC6RGBCT Datasheet HTML 1Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 2Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 3Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD SPECIFICATION
Page 4 of 4
Typical electrical/optical characteristic curves/
400
100
Wavelength
(nm)
0
50
25
75
550
600
500
450
1. 0
0. 8
0. 5
0
SPATIAL DISTRIBUTION
0. 1
0. 2
0. 3
0. 4 0. 6
0. 7
0. 9
2.0
25
20
4.0
3.0
2.0
5.0
20
10
15
25
FORWARD CURRENT Vs
FORWARD VOLTAGE
1.0
15
10
5
0
0
4.0
2.5
2.0
5
0
3.2
2.8
2.4
3.6
40
50
Forward Voltage(V)
FORWARD CURRENT
DERATING CURVE
IF-Forward Current (mA)
AMBIENT TEMPERATURE
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
LUMINOUS INTENSITY Vs.
60
80
100
1.0
0.5
0
100
80
-40
-20
0
20
20
60
40
10
20
0
0
Ambient Temperature TA (¡ æ
)
40
Ambient Temperature TA (¡ æ
)
1.5
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com