Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6RGBCT Datasheet(PDF) 2 Page - HB Electronic Components

Part # PLCC6RGBCT
Description  SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6RGBCT Datasheet(HTML) 2 Page - HB Electronic Components

  PLCC6RGBCT Datasheet HTML 1Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 2Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 3Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD SPECIFICATION
Page 2 of 4
Absolute maximum ratings/
Ta = 25
Values
Parameter
Symbol
Test Condition
Min.
Max.
Unit
Reverse Voltage
Pd
——
——
70
mW
Forward Current
VR
IR = 30
A
5
——
V
Power Dissipation
IFp
Duty=0.1
1kHz
——
100
mA
Pulse Current
IFm
——
——
25
mA
Operating Temperature
Topr
——
-40
+85
Storage
Temperature
Tstr
——
-40
+85
Electrical and optical characteristics/
Ta = 25
Values
Parameter
Color
Symbol
Test Condition
Min
Typ
Max
Unit
Red
2.3
2.6
Green
——
3.2
3.6
Forward Voltage
Blue
VF
IF = 20mA
——
3.2
3.6
V
Red
——
——
10
Green
——
——
30
Reverse Current
Blue
IR
VR =5V
——
——
30
A
Red
——
626
——
Green
——
524
——
Dominate Wavelength
Blue
d
IF = 20mA
——
468
——
nm
Red
——
20
——
Green
——
35
——
Spectral Line half-width
Blue
IF = 20mA
——
22
——
nm
Red
102
160
---
Green
200
350
---
Luminous Intensity
Blue
IV
IF = 20mA
102
150
---
mcd
Red
Green
Viewing Angle
Blue
2
1/2
IF = 20mA
——
120
——
Deg.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com