Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCC6RGBCT Datasheet(PDF) 3 Page - HB Electronic Components

Part # PLCC6RGBCT
Description  SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6RGBCT Datasheet(HTML) 3 Page - HB Electronic Components

  PLCC6RGBCT Datasheet HTML 1Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 2Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 3Page - HB Electronic Components PLCC6RGBCT Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD SPECIFICATION
Page 3 of 4
Product Rank/
Notes/
Rank error/
Iv
15%
d
1nm
Luminous Intensity /
mcd
Rank
Blue
Green
Red
B
102
145
C
145
200
280
390
D
102
145
E
145
200
390
550
145~200
F
102
145
G
145
200
280
390
H
102
145
J
145
200
390
550
200~280
Wavelength /
nm
Rank
Blue
Green
Red
B
465
470
C
470
475
520~525
D
465
470
E
470
475
525
530
620~630



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com