Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4437 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4437
Description  Wide Input Voltage Range Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4437 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4437 Datasheet HTML 1Page - Semtech Corporation SC4437 Datasheet HTML 2Page - Semtech Corporation SC4437 Datasheet HTML 3Page - Semtech Corporation SC4437 Datasheet HTML 4Page - Semtech Corporation SC4437 Datasheet HTML 5Page - Semtech Corporation SC4437 Datasheet HTML 6Page - Semtech Corporation SC4437 Datasheet HTML 7Page - Semtech Corporation SC4437 Datasheet HTML 8Page - Semtech Corporation SC4437 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.semtech.com
POWER MANAGEMENT
1
SC4437
Wide Input Voltage Range
Precision Voltage Reference
Features
V
IN Voltage Range: VOUT + 0.9V to 28V
V
OUT: Fixed 3.3V
V
OUT High Accuracy ( ±1% ) over -40°C to 125°C
V
OUT Low Temperature Coe
cient
Output Current up to 20mA
Low (< 160µA) Quiescent Current
Stable without Compensation Capacitor
Available with Compact, Surface Mount SOT-23
Package
Pb-Free, Halogen Free, RoHS/WEEE compliant
product
Applications
Bias Supplies
High Accuracy Micropower Supplies
Data Acquisition Systems
Medical Devices
Portable Battery Powered Equipment
Test Equipment
Automotive and Industrial
Description
The SC4437 is a low power precision series bandgap
reference device. It accepts wide input voltage range V
OUT
+ 0.9V to 28V and generates stable output voltage with
superior accuracy and low drift over operating
temperatures. The SC4437 is ideal for battery powered
systems where there can be wide variations in supply
voltage and a need to minimize power dissipation.
The SC4437 is able to supply up to 20mA output current
with excellent line and load regulation characteristics.
The output compensation capacitor is optional. It
provides user the exibility of compact, low cost design
or further noise performance enhanced design.
The SC4437 is available in a compact 3-lead surface
mount SOT-23 package.
Typical Application Circuit
September 21, 2009
3.3V
IN
OUT
GND
SC4437
C
IN
0.1 µF
V
IN up to 28V
(optional)
C
O


Similar Part No. - SC4437

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
SC4431 SEMTECH-SC4431 Datasheet
51Kb / 5P
SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
SC4431 SEMTECH-SC4431 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
SC4431CSK-0.5TR SEMTECH-SC4431CSK-0.5TR Datasheet
51Kb / 5P
SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
SC4431CSK-1TR SEMTECH-SC4431CSK-1TR Datasheet
51Kb / 5P
SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
More results

Similar Description - SC4437

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
Wide Supply 2.5V Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com