Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 12Page - Maxim Integrated Products MAX1908 Datasheet HTML 13Page - Maxim Integrated Products MAX1908 Datasheet HTML 14Page - Maxim Integrated Products MAX1908 Datasheet HTML 15Page - Maxim Integrated Products MAX1908 Datasheet HTML 16Page - Maxim Integrated Products MAX1908 Datasheet HTML 17Page - Maxim Integrated Products MAX1908 Datasheet HTML 18Page - Maxim Integrated Products MAX1908 Datasheet HTML 19Page - Maxim Integrated Products MAX1908 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
16
______________________________________________________________________________________
TO EXTERNAL
LOAD
MAX1908
MAX8724
MAX8765
MAX8765A
CLS
REF
GND
CELLS
REFIN (4 CELLS SELECT)
DLOV
AC ADAPTER
INPUT
8.5V TO 28V
DHI
D3
BST
BATTERY
ACIN
D2
LDO
LDO
16.8V OUTPUT VOLTAGE
2.5A CHARGE LIMIT
4A INPUT CURRENT LIMIT
R6
59k
Ω
1%
R7
19.6k
Ω
1%
R11
15k
Ω
R12
12k
Ω
C5
1
µF
C12
1.5nF
SHDN
ICHG
IINP
R19
10k
Ω
1%
R20
10k
Ω
1%
CCV
C11
0.1
µF
R5
1k
Ω
CCI
CCS
C10
0.01
µF
C9
0.01
µF
C12
1
µF
C1
2
×10µF
C13
1
µF
C15
0.1
µF
LX
C16
1
µF
LDO
R13
33
Ω
CSSP
CSSN
RS1
0.01
Ω
L1
10
µH
RS2
0.015
Ω
CSIP
CSIN
PGND
DLO
N1b
N1a
FROM HOST
µP
(SHUTDOWN)
N
BATT
GND
PGND
C4
22
µF
BATT+
REFIN
VCTL
DCIN
BATT-
THM
ICTL
R14
10.5k
Ω
1%
R15
8.25k
Ω
1%
R16
8.25k
Ω
1%
P1
R17
19.1k
Ω
1%
R18
22k
Ω
1%
ACOK
0.01
µF 0.01µF
Figure 2. Typical Application Circuit with Fixed Charging Parameters
Typical Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com