Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1908 Datasheet HTML 1Page - Maxim Integrated Products MAX1908 Datasheet HTML 2Page - Maxim Integrated Products MAX1908 Datasheet HTML 3Page - Maxim Integrated Products MAX1908 Datasheet HTML 4Page - Maxim Integrated Products MAX1908 Datasheet HTML 5Page - Maxim Integrated Products MAX1908 Datasheet HTML 6Page - Maxim Integrated Products MAX1908 Datasheet HTML 7Page - Maxim Integrated Products MAX1908 Datasheet HTML 8Page - Maxim Integrated Products MAX1908 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX1908/MAX8724/MAX8765/MAX8765A highly
integrated, multichemistry battery-charger control ICs
simplify the construction of accurate and efficient charg-
ers. These devices use analog inputs to control charge
current and voltage, and can be programmed by the host
or hardwired. The MAX1908/MAX8724/MAX8765/
MAX8765A achieve high efficiency using a buck topology
with synchronous rectification.
The MAX1908/MAX8724/MAX8765/MAX8765A feature
input current limiting. This feature reduces battery
charge current when the input current limit is reached
to avoid overloading the AC adapter when supplying
the load and the battery charger simultaneously. The
MAX1908/MAX8724/MAX8765/MAX8765A provide out-
puts to monitor current drawn from the AC adapter (DC
input source), battery-charging current, and the pres-
ence of an AC adapter. The MAX1908’s conditioning
charge feature provides 300mA to safely charge deeply
discharged lithium-ion (Li+) battery packs.
The MAX1908 includes a conditioning charge feature
while the MAX8724/MAX8765/MAX8765A do not.
The MAX1908/MAX8724/MAX8765/MAX8765A charge two
to four series Li+ cells, providing more than 5A, and are
available in a space-saving, 28-pin, thin QFN package (5mm
× 5mm). An evaluation kit is available to speed designs.
Applications
Notebook and Subnotebook Computers
Personal Digital Assistants
Handheld Terminals
Features
o ±0.5% Output Voltage Accuracy Using Internal
Reference (±0.4% for MAX8765A, 2-/3-Cell Only)
o ±4% Accurate Input Current Limiting
o ±5% Accurate Charge Current
o Analog Inputs Control Charge Current and
Charge Voltage
o Outputs for Monitoring
Current Drawn from AC Adapter
Charging Current
AC Adapter Presence
o Up to 17.6V Battery-Voltage Set Point
o Maximum 28V Input Voltage
o > 95% Efficiency
o Shutdown Control Input
o Charge Any Battery Chemistry
Li+, NiCd, NiMH, Lead Acid, etc.
Low-Cost Multichemistry Battery Chargers
________________________________________________________________
Maxim Integrated Products
1
28
+
27
26
25
24
23
22
IINP
CSSP
CSSN
DHI
BST
LX
DLOV
8
9
10
11
12
13
14
SHDN
ICHG
ACIN
ACOK
REFIN
ICTL
GND
15
16
17
18
19
20
21
7
6
5
4
3
2
1
MAX1908
MAX8724
MAX8765
MAX8765A
THIN QFN
TOP VIEW
Pin Configuration
Ordering Information
MAX1908
MAX8724
MAX8765
MAX8765A
AC ADAPTER
INPUT
TO EXTERNAL
LOAD
LDO
FROM HOST
µP
10
µH
0.015
Ω
BATT+
DCIN
REFIN
VCTL
ICTL
ACIN
ACOK
SHDN
ICHG
IINP
CCV
CCI
CCS
CELLS
LDO
BST
DLOV
DHI
LX
DLO
PGND
CSIP
CSIN
BATT
REF
CLS
GND
CSSP
CSSN
0.01
Ω
Minimum Operating Circuit
19-2764; Rev 5; 11/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1908ETI+
-40°C to +85°C
28 Thin QFN-EP*
MAX8724ETI+
-40°C to +85°C
28 Thin QFN-EP*
MAX8765ETI+
-40°C to +85°C
28 Thin QFN-EP*
MAX8765AETI+
-40°C to +85°C
28 Thin QFN-EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.


Similar Part No. - MAX1908

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908ETI MAXIM-MAX1908ETI Datasheet
879Kb / 27P
Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908ETI MAXIM-MAX1908ETI Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
More results

Similar Description - MAX1908

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com