Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 17Page - Maxim Integrated Products MAX1908 Datasheet HTML 18Page - Maxim Integrated Products MAX1908 Datasheet HTML 19Page - Maxim Integrated Products MAX1908 Datasheet HTML 20Page - Maxim Integrated Products MAX1908 Datasheet HTML 21Page - Maxim Integrated Products MAX1908 Datasheet HTML 22Page - Maxim Integrated Products MAX1908 Datasheet HTML 23Page - Maxim Integrated Products MAX1908 Datasheet HTML 24Page - Maxim Integrated Products MAX1908 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Low-Cost Multichemistry Battery Chargers
______________________________________________________________________________________
21
In normal operation, the controller starts a new cycle by
turning on the high-side n-channel MOSFET and
turning off the low-side n-channel MOSFET. When the
charge current is greater than the control point (LVC),
CCMP goes high and the off-time is started. The
off-time turns off the high-side n-channel MOSFET and
turns on the low-side n-channel MOSFET. The opera-
tional frequency is governed by the off-time and is
dependent upon VDCIN and VBATT. The off-time is set
by the following equations:
where:
These equations result in fixed-frequency operation
over the most common operating conditions.
At the end of the fixed off-time, another cycle begins if
the control point (LVC) is greater than 0.15V, IMIN =
high, and the peak charge current is less than 6A (RS2
= 0.015
Ω), IMAX = high. If the charge current exceeds
IMAX, the on-time is terminated by the IMAX compara-
tor. IMAX governs the maximum cycle-by-cycle current
limit and is internally set to 6A (RS2 = 0.015
Ω). IMAX
protects against sudden overcurrent faults.
If, during the off-time, the inductor current goes to zero,
ZCMP = high, both the high- and low-side MOSFETs
are turned off until another cycle is ready to begin.
There is a minimum 0.3µs off-time when the (VDCIN -
VBATT) differential becomes too small. If VBATT ≥ 0.88
×
VDCIN, then the threshold for minimum off-time is
reached and the tOFF is fixed at 0.3µs. A maximum on-
time of 5ms allows the controller to achieve > 99% duty
cycle in continuous-conduction mode. The switching
frequency in this mode varies according to the equation:
Discontinuous Conduction
The MAX1908/MAX8724/MAX8765/MAX8765A enter dis-
continuous-conduction mode when the output of the LVC
control point falls below 0.15V. For RS2 = 0.015
Ω, this
corresponds to 0.5A:
for RS2 = 0.015
Ω.
In discontinuous mode, a new cycle is not started until
the LVC voltage rises above 0.15V. Discontinuous-
mode operation can occur during conditioning charge
of overdischarged battery packs, when the charge cur-
rent has been reduced sufficiently by the CCS control
loop, or when the battery pack is near full charge (con-
stant-voltage-charging mode).
MOSFET Drivers
The low-side driver output DLO switches between
PGND and DLOV. DLOV is usually connected through
a filter to LDO. The high-side driver output DHI is boot-
strapped off LX and switches between VLX and VBST.
When the low-side driver turns on, BST rises to one
diode voltage below DLOV.
Filter DLOV with a lowpass filter whose cutoff frequency
is approximately 5kHz (Figure 1):
Dropout Operation
The MAX1908/MAX8724/MAX8765/MAX8765A have 99%
duty-cycle capability with a 5ms (max) on-time and 0.3µs
(min) off-time. This allows the charger to achieve dropout
performance limited only by resistive losses in the DC-DC
converter components (D1, N1, RS1, and RS2, Figure 1).
Replacing diode D1 with a p-channel MOSFET driven by
ACOK improves dropout performance (Figure 2). The
dropout voltage is set by the difference between DCIN
and CSIN. When the dropout voltage falls below 100mV,
the charger is disabled; 200mV hysteresis ensures that
the charger does not turn back on until the dropout volt-
age rises to 300mV.
Compensation
Each of the three regulation loops—input current limit,
charging current limit, and charging voltage limit—are
compensated separately using CCS, CCI, and CCV,
respectively.
f
RC
F
kHz
C ==
××
=
1
2
1
233
1
48
ππ
µ
.
IMIN
V
RS
A
=
×
=
015
20
2
05
.
.
f
LI
VV
s
RIPPLE
CSSN
BATT
=
×
()
+
1
03
.
µ
f
tt
ON
OFF
=
+
1
I
Vt
L
RIPPLE
BATT
OFF
=
×
t
LI
VV
ON
RIPPLE
CSSN
BATT
=
×
ts
VV
V
OFF
DCIN
BATT
DCIN
25
.
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com