Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3210 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 9Page - ON Semiconductor ADP3210 Datasheet HTML 10Page - ON Semiconductor ADP3210 Datasheet HTML 11Page - ON Semiconductor ADP3210 Datasheet HTML 12Page - ON Semiconductor ADP3210 Datasheet HTML 13Page - ON Semiconductor ADP3210 Datasheet HTML 14Page - ON Semiconductor ADP3210 Datasheet HTML 15Page - ON Semiconductor ADP3210 Datasheet HTML 16Page - ON Semiconductor ADP3210 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ADP3210
Rev. 0.3 | Page 13 of 38
Phase 1
Switch Node
100µs/div
1: 10V/div
2: 10V/div
3: 200mV/div
Input = 12V, Load = 0.5A
0.7V to 1.2V VID Step
PSI = High, DPRSLP = High
Output Voltage
Phase 2
Switch Node
2
1
3
Figure 18. VID Step
Phase 1
Switch Node
100µs/div
1: 10V/div
2: 10V/div
3: 200mV/div
Input = 12V, Load = 0.5A
1.2V to 0.7V VID Step
PSI = High, DPRSLP = Low
Output Voltage
Phase 2
Switch Node
2
1
3
Figure 19. VID Step
Phase 1
Switch Node
100µs/div
1: 10V/div
2: 10V/div
3: 200mV/div
Input = 12V, Load = 0.5A
0.7V to 1.2V VID Step
PSI = High, DPRSLP = Low
Output Voltage
Phase 2
Switch Node
2
1
3
Figure 20. VID Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com