Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3210 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADP3210
Description  7-Bit Programmable Multiphase Mobile CPU Synchronous
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 17Page - ON Semiconductor ADP3210 Datasheet HTML 18Page - ON Semiconductor ADP3210 Datasheet HTML 19Page - ON Semiconductor ADP3210 Datasheet HTML 20Page - ON Semiconductor ADP3210 Datasheet HTML 21Page - ON Semiconductor ADP3210 Datasheet HTML 22Page - ON Semiconductor ADP3210 Datasheet HTML 23Page - ON Semiconductor ADP3210 Datasheet HTML 24Page - ON Semiconductor ADP3210 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ADP3210
Rev. 0.3 | Page 21 of 38
Table 5. VID Code Table
VID6
VID5
VID4
VID3
VID2
VID1
VID0
OUTPUT
0
0
0
0
0
0
0
1.5000 V
0
0
0
0
0
0
1
1.4875 V
0
0
0
0
0
1
0
1.4750 V
0
0
0
0
0
1
1
1.4625 V
0
0
0
0
1
0
0
1.4500 V
0
0
0
0
1
0
1
1.4375 V
0
0
0
0
1
1
0
1.4250 V
0
0
0
0
1
1
1
1.4125 V
0
0
0
1
0
0
0
1.4000 V
0
0
0
1
0
0
1
1.3875 V
0
0
0
1
0
1
0
1.3750 V
0
0
0
1
0
1
1
1.3625 V
0
0
0
1
1
0
0
1.3500 V
0
0
0
1
1
0
1
1.3375 V
0
0
0
1
1
1
0
1.3250 V
0
0
0
1
1
1
1
1.3125 V
0
0
1
0
0
0
0
1.3000 V
0
0
1
0
0
0
1
1.2875 V
0
0
1
0
0
1
0
1.2750 V
0
0
1
0
0
1
1
1.2625 V
0
0
1
0
1
0
0
1.2500 V
0
0
1
0
1
0
1
1.2375 V
0
0
1
0
1
1
0
1.2250 V
0
0
1
0
1
1
1
1.2125 V
0
0
1
1
0
0
0
1.2000 V
0
0
1
1
0
0
1
1.1875 V
0
0
1
1
0
1
0
1.1750 V
0
0
1
1
0
1
1
1.1625 V
0
0
1
1
1
0
0
1.1500 V
0
0
1
1
1
0
1
1.1375 V
0
0
1
1
1
1
0
1.1250 V
0
0
1
1
1
1
1
1.1125 V
0
1
0
0
0
0
0
1.1000 V
0
1
0
0
0
0
1
1.0875 V
0
1
0
0
0
1
0
1.0750 V
0
1
0
0
0
1
1
1.0625 V
0
1
0
0
1
0
0
1.0500 V
0
1
0
0
1
0
1
1.0375 V
0
1
0
0
1
1
0
1.0250 V
0
1
0
0
1
1
1
1.0125 V
0
1
0
1
0
0
0
1.0000 V
0
1
0
1
0
0
1
0.9875 V
0
1
0
1
0
1
0
0.9750 V
0
1
0
1
0
1
1
0.9625 V
0
1
0
1
1
0
0
0.9500 V
0
1
0
1
1
0
1
0.9375 V
0
1
0
1
1
1
0
0.9250 V
0
1
0
1
1
1
1
0.9125 V
0
1
1
0
0
0
0
0.9000 V
VID6
VID5
VID4
VID3
VID2
VID1
VID0
OUTPUT
0
1
1
0
0
0
1
0.8875 V
0
1
1
0
0
1
0
0.8750 V
0
1
1
0
0
1
1
0.8625 V
0
1
1
0
1
0
0
0.8500 V
0
1
1
0
1
0
1
0.8375 V
0
1
1
0
1
1
0
0.8250 V
0
1
1
0
1
1
1
0.8125 V
0
1
1
1
0
0
0
0.8000 V
0
1
1
1
0
0
1
0.7875 V
0
1
1
1
0
1
0
0.7750 V
0
1
1
1
0
1
1
0.7625 V
0
1
1
1
1
0
0
0.7500 V
0
1
1
1
1
0
1
0.7375 V
0
1
1
1
1
1
0
0.7250 V
0
1
1
1
1
1
1
0.7125 V
1
0
0
0
0
0
0
0.7000 V
1
0
0
0
0
0
1
0.6875 V
1
0
0
0
0
1
0
0.6750 V
1
0
0
0
0
1
1
0.6625 V
1
0
0
0
1
0
0
0.6500 V
1
0
0
0
1
0
1
0.6375 V
1
0
0
0
1
1
0
0.6250 V
1
0
0
0
1
1
1
0.6125 V
1
0
0
1
0
0
0
0.6000 V
1
0
0
1
0
0
1
0.5875 V
1
0
0
1
0
1
0
0.5750 V
1
0
0
1
0
1
1
0.5625 V
1
0
0
1
1
0
0
0.5500 V
1
0
0
1
1
0
1
0.5375 V
1
0
0
1
1
1
0
0.5250 V
1
0
0
1
1
1
1
0.5125 V
1
0
1
0
0
0
0
0.5000 V
1
0
1
0
0
0
1
0.4875 V
1
0
1
0
0
1
0
0.4750 V
1
0
1
0
0
1
1
0.4625 V
1
0
1
0
1
0
0
0.4500 V
1
0
1
0
1
0
1
0.4375 V
1
0
1
0
1
1
0
0.4250 V
1
0
1
0
1
1
1
0.4125 V
1
0
1
1
0
0
0
0.4000 V
1
0
1
1
0
0
1
0.3875 V
1
0
1
1
0
1
0
0.3750 V
1
0
1
1
0
1
1
0.3625 V
1
0
1
1
1
0
0
0.3500 V
1
0
1
1
1
0
1
0.3375 V
1
0
1
1
1
1
0
0.3250 V
1
0
1
1
1
1
1
0.3125 V
1
1
0
0
0
0
0
0.3000 V
1
1
0
0
0
0
1
0.2875 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com