Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972BCCS Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX9972BCCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972BCCS Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX9972BCCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 15Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 16Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 17Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 18Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 19Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 20Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 21Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Serial Interface and Device Control
A CMOS-compatible serial interface controls the
MAX9972 modes (Figure 4). Control data flow into a 12-
bit shift register (LSB first) and are latched when
CS is
taken high. Data from the shift register are then loaded
to the per-channel control latches as determined by
bits D8–D11, and indicated in Figure 4 and Table 4.
The latches contain the six mode bits for each channel
of the device. The mode bits, in conjunction with exter-
nal inputs DATA_ and RCV_, manage the features of
each channel. Transfer data asynchronously from the
input registers to the channel registers by forcing
LD
low. With
LD always low, data transfer on the rising
edge of
CS.
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
______________________________________________________________________________________
19
Table 4. Control Register Bit Functions
BIT STATE
BIT
NAME
FUNCTION
01
POWER-UP
STATE
0
TERM
Term Mode Control
High Impedance
Term Mode
0
1
LLEAK
Assert Low-Leakage Mode
Term Mode
Low Leakage
0
2
SENSE EN
Enable Sense Switch
Disabled
Enabled
0
3
FORCE EN
Enable Force Switch
Disabled
Enabled
0
4
LOAD EN LOW
Enable Low Load Resistor
Disabled
Enabled
0
5
LOAD EN HIGH
Enable High Load Resistor
Disabled
Enabled
0
6
—
Unused
X
X
0
7
—
Unused
X
X
0
8
CH1
Update Channel 1 Control Register
Disabled
Enabled
1
9
CH2
Update Channel 2 Control Register
Disabled
Enabled
1
10
CH3
Update Channel 3 Control Register
Disabled
Enabled
1
11
CH4
Update Channel 4 Control Register
Disabled
Enabled
1
MAX9972
SCLK
DIN
CS
LD
ENABLE
QUAD F/F
D
Q
ENABLE
0–5
8
MODE BITS
CHANNEL 4
MODE BITS
CHANNEL 3
MODE BITS
CHANNEL 2
MODE BITS
CHANNEL 1
LOAD
QUAD F/F
D
Q
ENABLE
0–5
9
LOAD
QUAD F/F
D
Q
ENABLE
0–5
10
LOAD
QUAD F/F
D
Q
ENABLE
0–5
11
6
6
6
6
LOAD
11
10
9
8
7
6
5
4
3
2
1
0
Figure 4. Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com