Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972BCCS Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9972BCCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972BCCS Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9972BCCS Datasheet HTML 1Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 2Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 3Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 4Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 5Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS (Note 5)
Dynamic Output Current
(Note 1)
40
mA
Drive-Mode Overshoot,
Undershoot, and Preshoot
200mV to 4VP-P swing (Note 6)
5%
+10
mV
VDHV_ = VDTV_ = 1V, VDLV_ = 0V
25
Term-Mode Spike
VDLV_ = VDTV_ = 0V, VDHV_ = 1V
25
mV
VDLV_ = -1V, VDHV_ = 0V
25
High-Impedance-Mode Spike
VDLV_ = 0V, VDHV_ = 1V
25
mV
Prop Delay, Data to Output
2
ns
Prop-Delay Temperature
Coefficient
10
ps/°C
Prop-Delay Match, tLH vs. tHL
30
ps
Prop-Delay Skew, Drivers Within
Package
150
ps
3VP-P, 40MHz,
PW = 4ns to 21ns
20
Prop-Delay Change vs. Pulse
Width
Relative to
12.5ns pulse
1VP-P, 40MHz,
PW = 2.5ns to 23.5ns
90
ps
Prop-Delay Change vs.
Common-Mode Voltage
1VP-P, VDLV_ = 0 to 3V, relative to delay at
VDLV_ = 1V
80
ps
Prop Delay, Data to High
Impedance
VDHV_ = +1.5V, VDLV_ = -1.5V, both
directions
1.8
ns
Prop Delay, Data to Term
VDHV_ = +1.5V, VDLV_ = -1.5V, VDTV_ = 0V,
both directions
1.6
ns
Minimum Voltage Swing
(Note 7)
25
mV
VDHV_ = 0.2V, VDLV_ = 0V, 20% to 80%
0.7
VDHV_ = 1V, VDLV_ = 0V, 20% to 80%
0.7
VDHV_ = 3V, VDLV_ = 0V, 10% to 90%
1.5
2.0
2.5
VDHV_ = 4V, VDLV_ = 0V,
RL = 500 , 10% to 90%
2.6
Rise/Fall Time
VDHV_ = 5V, VDLV_ = 0V,
RL = 500 , 10% to 90%
3.4
ns
Rise/Fall-Time Matching
VDHV_ = 1V to 5V
±5
%
200mV, VDHV_ = 0.2V, VDLV_ = 0V
1.8
1V, VDHV_ = 1V, VDLV_ = 0V
2.4
Minimum Pulse Width (Note 8)
3V, VDHV_ = 3V, VDLV_ = 0V
3.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com