Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972BCCS Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9972BCCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972BCCS Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9972BCCS Datasheet HTML 1Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 2Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 3Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 4Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 5Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972BCCS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC OUTPUTS
Reference Voltages COMPHI and
COMPLO
(Note 15)
0
+3.6
V
Output High Voltage Offset
IOUT = 0mA, relative to COMPHI at
VCOMPHI = 1V
±50
mV
Output Low Voltage Offset
IOUT = 0mA, relative to COMPLO at
VCOMPLO = 0V
±50
mV
Output Resistance
ICHV_ = ICLV_ = ±10mA
40
50
60
Ω
Current Limit
25
mA
Rise/Fall Time
20% to 80%, VCHV_ = 1VP-P,
load = T-line, 50
Ω, > 1ns
0.7
ns
PASSIVE LOAD
DC CHARACTERISTICS (RDUT_
≥ 10MΩ)
LDV_ Voltage Range
-2.2
+5.2
V
Gain
0.99
1.01
V/V
Gain Temperature Coefficient
0.02
%/°C
Offset
±100
mV
Offset Temperature Coefficient
0.02
mV/°C
Power-Supply Rejection Ratio
PSRR
10
mV/V
A grade
7.125
7.5
7.875
Output Resistance
Tolerance—High Value
IDUT_ = ±0.2mA,
VLDV_ = 1.5V
B grade
4.200
6.0
7.875
k
Ω
A grade
1.90
2.0
2.10
Output Resistance
Tolerance—Low Value
IDUT_ = ±0.1mA,
VLDV_ = 1.5V
B grade
1.05
1.5
2.10
k
Ω
0 to 3V
±10
Switch Resistance Variation
Relative to 1.5V
Full range
±30
%
VLDV_ = -2V, VDUT_ = +5V
±4
Maximum Output Current
(Note 16)
VLDV_ = +5V, VDUT_ = -2V
±4
mA
Linearity Error, Full Range
Measured at -2.2V, +1.5V, and +5.2V
(Note 16)
±25
mV
AC CHARACTERISTICS
Settling Time, LDV_ to Output
VLDV_ = -2V to +5V step, RDUT_ = 100k
Ω
(Note 17)
0.5
µs
Output Transient Response
VLDV_ = +1.5V, VDUT_ = -2V to +5V square
wave at 1MHz, RDUT_ = 50
Ω
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com