Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS3000 Datasheet(PDF) 6 Page - Emerson Network Power

Part # HPS3000
Description  3000 W output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3000 Datasheet(HTML) 6 Page - Emerson Network Power

  HPS3000 Datasheet HTML 1Page - Emerson Network Power HPS3000 Datasheet HTML 2Page - Emerson Network Power HPS3000 Datasheet HTML 3Page - Emerson Network Power HPS3000 Datasheet HTML 4Page - Emerson Network Power HPS3000 Datasheet HTML 5Page - Emerson Network Power HPS3000 Datasheet HTML 6Page - Emerson Network Power HPS3000 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. 7.10.09_81
HPS3000 Series
6 of 7
Embedded Power for
Business-Critical Continuity
PWOK#(PowerGood)
PWOK#isapowergoodsignalandwillbepulledLOWbythepowersupplytoindicatethatboththe
outputsareabovetheregulationlimitsofthepowersupply.Whenanyoutputvoltagefallsbelow
regulationlimitsorwhenACpowerhasbeenremovedforatimesufficientlylongsothatpowersupply
operationisnolongerguaranteed,PWOKwillbede-assertedtoaHIGHstate.ThestartofthePWOK#
delaytimeshallbeinhibitedaslongasthe48Voutputisincurrentlimitorthe5Vsboutputisbelow
theregulationlimit.
PowerSupplyPresentIndicator(PRESENT#)
ThePRESENT#signalisprimarilyusedtoprovideamechanismbywhichthehostsystemcansensethe
numberofpowersuppliesphysicallypresent(operationalornot).Thispinisconnectedtogroundinthe
power supply.
ACINPUTPresentIndicator(ACOK#)
TheACOK#signalisusedtoindicatepresenceofACinputtothepowersupply.Thissignalshallbe
connectedto5Vsbthrougharesistoronthehostsystemside.Alogic“Low”levelonthissignalshall
indicateACinputtothepowersupplyispresent.ALogic“High”onthissignalshallindicatealossofAC
inputtothepowersupply.
Table12
ACOK#SignalCharacteristics
SignalType
Pull-upto5Vsbthrougharesistorinthehost
system.
PRESENT#=Low
Present
PRESENT#=High
Notpresent
MIN
MAX
Logiclevellowvoltage,Ising=4mA
0V
0.8V
Logiclevelhighvoltage,Isink=50µA
2.0V
4.80V
Sinkcurrent,PRESENT#=Low
4mA
Sourcecurrent,PRESENT#=High
50µA
PSON#SignalCharacteristic
SignalType
Opencollector/drainoutputfrompower
supply.Pullupto5Vsbexternaltothepower
supply.
PWOK=High
ON
PWOK=LOW
OFF
MIN
MAX
Logiclevellowvoltage,Isink=4mA
0V
0.8V
Logiclevelhighvoltage,Isource=200µA
2.0V
4.80V
Sinkcurrent,PWOK=low
4mA
Sourcecurrent,PWOK=high
2mA
PWOKdelay:Tpwokon
100msec
1000msec
PWOKriseandfalltime
100µsec
Powerdowndelay:Tpwokoff
1msec
1000msec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com