Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS3000 Datasheet(PDF) 2 Page - Emerson Network Power

Part # HPS3000
Description  3000 W output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3000 Datasheet(HTML) 2 Page - Emerson Network Power

  HPS3000 Datasheet HTML 1Page - Emerson Network Power HPS3000 Datasheet HTML 2Page - Emerson Network Power HPS3000 Datasheet HTML 3Page - Emerson Network Power HPS3000 Datasheet HTML 4Page - Emerson Network Power HPS3000 Datasheet HTML 5Page - Emerson Network Power HPS3000 Datasheet HTML 6Page - Emerson Network Power HPS3000 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 7.10.09_81
HPS3000 Series
 of 7
Embedded Power for
Business-Critical Continuity
Output
Outputrating
48V@62.0A
5Vsb@3.0A
180-264Vac
48V@29.4A
5V@3A
90-140Vac
Set point
48V
Programmable±10%throughI2C serial bus
Totalregulationrange
48V±10%
5Vsb±4%
Line/load/transientwhenmeasuredatoutputconnection
Ratedload
3000Wmaximum@200VacInput
1500Wmaximum@110VacInput
Noderatingoveroperatingtemprange
Minimum load
48V@0.0A
5Vsb@0.0A
Nolossofregulation
Outputnoise
480mVmaxP-P
100mVmaxP-P
48Voutput
5Vsboutput
Measuredwitha0.1µFCeramicand10µFTantalumcapacitoronany
input
Outputvoltageovershoot
±5%maximum
NominalVoltageSetting
Transient response
5%maximumdeviation
50%loadstep@1A/us
Steploadvalidbetween10%to100%ofoutputrating.
Maxunitsinparallel
Upto4
Totalpowerin1U19”rackis12KW
Shortcircuitprotection
120%-130%ofratedoutput
Outputtoreturn
Outputisolation
PerPOEspecs
>2000Vac
Forcedloadsharing
Within10%ofallsharedoutputs
Digitalsharingcontrol
Overcurrentprotection(OCP) 120%to130%
100%to125%
48Voutput
5Vsboutput
Overvoltageprotection(OVP) 110%to120%
110%to125%
48Voutput
5Vsboutput
Overtemperatureprotection 10-15degCabovesafe
operatingarea
BothPFCandoutputconvertermonitored
5Vsbwilloperateunderovertemperaturecondition.
Builtinhysteresis
230V ac E fficiency
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
10
20
30
40
50
60
70
80
90
100
% of Total Output Pow e r
230VacEfficiency
EnvironmentalSpecifications
Vibration/Shock:
Non-operational5GSinesweepfrom5Hzto500Hz,dwellingatresonantfrequenciesfor1houreach
Operatingtemperature:
-10°to+40°C
StorageTemperature:
-40°to+85°C
Cooling
ExternalfanswithFanFailandFanSpeedcontrol
OperatingRelativeHumidity: 5%to95%non-condensing
StorageRelativeHumidity:
5%to95%non-condensing
OperatingAltitude
Upto10,000feetabovesealevel
StorageAltitude:
Upto30,000feetabovesealevel
RoHSCompliant:
Yes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com