Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS3000 Datasheet(PDF) 3 Page - Emerson Network Power

Part # HPS3000
Description  3000 W output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3000 Datasheet(HTML) 3 Page - Emerson Network Power

  HPS3000 Datasheet HTML 1Page - Emerson Network Power HPS3000 Datasheet HTML 2Page - Emerson Network Power HPS3000 Datasheet HTML 3Page - Emerson Network Power HPS3000 Datasheet HTML 4Page - Emerson Network Power HPS3000 Datasheet HTML 5Page - Emerson Network Power HPS3000 Datasheet HTML 6Page - Emerson Network Power HPS3000 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Embedded Power for
Business-Critical Continuity
Embedded Power for
Business-Critical Continuity
327.6 ± 1.2
321.4 ± 1.2
11.9 ± 1
11.6 ± 0.5
Tyco Connector
PN: 2007209
or
FCI
10053363-400LF
AIRFLOW DIRECTION
PinAssignments
Bottom
Top
Rev. 7.10.09_81
HPS3000 Series
3 of 7
(Allunitsinmm)
Pin
64 ACLINE
63 ACLINE
62 n.c.
61 ACNEUTRAL
60 ACNEUTRAL
59 n.c.
58 n.c.
57 n.c.
56 +48Vdcout
55 +48Vdcout
54 +48Vdcout
53 +48Vdcout
52 +48Vdcout
51 +48Vdcout
50 +48Vdcout
49 +48VdcRTN
48 +48VdcRTN
47 +48VdcRTN
46 +48VdcRTN
45 +48VdcRTN
44 +48VdcRTN
43 +48VdcRTN
42 n.c.
41 SYS_GND
40 STBY_SENSE
39 ACOK#
38 SMBUS_ALERT_OUT
37 SCL
36 A2
35 PSKILL
34 A1
33 A0
ModuleInformation
Pin
1 ACLINE
2 ACLINE
3 n.c.
4 ACNEUTRAL
5 ACNEUTRAL
6 n.c.
7 n.c.
8 n.c.
9 +48Vdcout
10 +48Vdcout
11 +48Vdcout
12 +48Vdcout
13 +48Vdcout
14 +48Vdcout
15 +48Vdcout
16 +48VdcRTN
17 +48VdcRTN
18 +48VdcRTN
19 +48VdcRTN
20 +48VdcRTN
21 +48VdcRTN
22 +48VdcRTN
23 n.c.
24 V_STBY
25 STBY_RTN_SENSE
26 PRESENT#
27 DCOK/PWOK#
28 SDA
29 HVCC
30 PSON#
31 #ALERT
32 ISHARE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com