Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS124 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS124
Description  120 Watts Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS124 Datasheet(HTML) 1 Page - Emerson Network Power

  LPS124 Datasheet HTML 1Page - Emerson Network Power LPS124 Datasheet HTML 2Page - Emerson Network Power LPS124 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 09.15.09_12
LPS120 Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPS120 Series
120 Watts
Special Features
• Activepowerfactorcorrection
• 3”x5”footprint
• Lessthan1Uhigh
• EN61000-3-2compliant
• Remotesense
• Powerfailandremoteinhibit
• Singlewirecurrentsharing
• Adjustablemainoutput
• Built-inClassBEMIfilter
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• 5VStandbyoutput
and12VFanoutput
Total Power:
80-130Watts
Input Voltage:
85-264VAC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
85-264VAC;127-300VDC
Frequency:
47-440Hz
Inrushcurrent:
40Amax.,coldstart@25°C
Efficiency:
80% typical at full load
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;EN55022ClassBcon-
ducted;VDE0878PT3ClassBconducted
Powerfactor:
0.99typical
Safetyground
leakagecurrent:
0.5mA@50/60Hz,264VACinput
Output
Maximumpower:
80Wforconvection;130Wwith30CFMforcedair
Adjustmentrange:
±5%minimumonthemainoutputs
Fanoutput:
12V@500mA-5%,+7%
Standbyoutputs:
5V@500mA±5%
Hold-uptime:
20ms@125Wload,120VACinput
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
120-135%aboverating
Overvoltageprotection: 20-35%abovenominaloutput
Remotesense:
Compensatesfor0.5Vleaddropmax.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
LogicalControl
Powerfailure:
TTLlogicsignalgoeshigh100-500msecaftermainoutput;itgoeslowat
least4msecbeforelossofregulation
Remoteinhibit:
Requiresacontactclosuretodisabletheoutputs,except5Vstandby.
Remotesense:
Compensatesfor0.5Vleaddropmin.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
TUV:
60950
UL:
60950
CSA
60950
NEMKO: 60950
AUSTEL: 60950
CB:
Certificate and report
CE:
Mark(LVD)


Similar Part No. - LPS124

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS124 ASTEC-LPS124 Datasheet
209Kb / 3P
120 Watts
logo
Emerson Network Power
LPS124 EMERSON-NETWORKPOWER-LPS124 Datasheet
227Kb / 3P
Active power factor correction
More results

Similar Description - LPS124

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com