Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0803
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button ADC0803 Datasheet HTML 21Page - National Semiconductor (TI) ADC0803 Datasheet HTML 22Page - National Semiconductor (TI) ADC0803 Datasheet HTML 23Page - National Semiconductor (TI) ADC0803 Datasheet HTML 24Page - National Semiconductor (TI) ADC0803 Datasheet HTML 25Page - National Semiconductor (TI) ADC0803 Datasheet HTML 26Page - National Semiconductor (TI) ADC0803 Datasheet HTML 27Page - National Semiconductor (TI) ADC0803 Datasheet HTML 28Page - National Semiconductor (TI) ADC0803 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Functional Description (Continued)
TABLE 1. DECODING THE DIGITAL OUTPUT LEDs
OUTPUT VOLTAGE
FRACTIONAL BINARY VALUE FOR
CENTER VALUES
HEX
BINARY
WITH
V
REF/2=2.560 VDC
MS GROUP
LS GROUP
VMS
GROUP
(Note 15)
VLS
GROUP
(Note 15)
F
1111
15/16
15/256
4.800
0.300
E
1110
7/8
7/128
4.480
0.280
D
1101
13/16
13/256
4.160
0.260
C
1100
3/4
3/64
3.840
0.240
B
1011
11/16
11/256
3.520
0.220
A
1010
5/8
5/128
3.200
0.200
9
1001
9/16
9/256
2.880
0.180
8
1000
1/2
1/32
2.560
0.160
7
0111
7/16
7/256
2.240
0.140
6
0110
3/8
3/128
1.920
0.120
5
0101
5/16
2/256
1.600
0.100
4
0100
1/4
1/64
1.280
0.080
3
0011
3/16
3/256
0.960
0.060
2
0010
1/8
1/128
0.640
0.040
1
0001
1/16
1/256
0.320
0.020
0
0000
00
Note 15: Display Output=VMS Group + VLS Group
DS005671-89
FIGURE 10. A/D Tester with Analog Error Output
DS005671-90
FIGURE 11. Basic “Digital” A/D Tester
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com