Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0803
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button ADC0803 Datasheet HTML 30Page - National Semiconductor (TI) ADC0803 Datasheet HTML 31Page - National Semiconductor (TI) ADC0803 Datasheet HTML 32Page - National Semiconductor (TI) ADC0803 Datasheet HTML 33Page - National Semiconductor (TI) ADC0803 Datasheet HTML 34Page - National Semiconductor (TI) ADC0803 Datasheet HTML 35Page - National Semiconductor (TI) ADC0803 Datasheet HTML 36Page - National Semiconductor (TI) ADC0803 Datasheet HTML 37Page - National Semiconductor (TI) ADC0803 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Functional Description (Continued)
any output of Port B will source current into node V
X thus
raising the voltage at V
X and making the output differential
more negative. Conversely, a logic “0” (0V) will pull current
out of node V
X and decrease the voltage, causing the differ-
ential output to become more positive. For the resistor val-
ues shown, V
X can move ±12 mV with a resolution of 50 µV,
which will null the offset error term to 1⁄4 LSB of full-scale for
the ADC0801. It is important that the voltage levels that drive
the auto-zero resistors be constant. Also, for symmetry, a
logic swing of 0V to 5V is convenient. To achieve this, a
CMOS buffer is used for the logic output signals of Port B
and this CMOS package is powered with a stable 5V source.
Buffer amplifier A1 is necessary so that it can source or sink
the D/A output current.
DS005671-91
Note 26: R2 = 49.5 R1
Note 27: Switches are LMC13334 CMOS analog switches.
Note 28: The 9 resistors used in the auto-zero section can be ±5% tolerance.
FIGURE 18. Gain of 100 Differential Transducer Preamp
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com