Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0803
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC0803 Datasheet HTML 1Page - National Semiconductor (TI) ADC0803 Datasheet HTML 2Page - National Semiconductor (TI) ADC0803 Datasheet HTML 3Page - National Semiconductor (TI) ADC0803 Datasheet HTML 4Page - National Semiconductor (TI) ADC0803 Datasheet HTML 5Page - National Semiconductor (TI) ADC0803 Datasheet HTML 6Page - National Semiconductor (TI) ADC0803 Datasheet HTML 7Page - National Semiconductor (TI) ADC0803 Datasheet HTML 8Page - National Semiconductor (TI) ADC0803 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
AC Electrical Characteristics (Continued)
The following specifications apply for V
CC=5 VDC and TMIN≤TA≤TMAX unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
C
OUT
TRI-STATE Output
5
7.5
pF
Capacitance (Data Buffers)
CONTROL INPUTS [Note: CLK IN (Pin 4) is the input of a Schmitt trigger circuit and is therefore specified separately]
V
IN (1)
Logical “1” Input Voltage
V
CC=5.25 VDC
2.0
15
V
DC
(Except Pin 4 CLK IN)
V
IN (0)
Logical “0” Input Voltage
V
CC=4.75 VDC
0.8
V
DC
(Except Pin 4 CLK IN)
I
IN (1)
Logical “1” Input Current
V
IN=5 VDC
0.005
1
µA
DC
(All Inputs)
I
IN (0)
Logical “0” Input Current
V
IN=0 VDC
−1
−0.005
µA
DC
(All Inputs)
CLOCK IN AND CLOCK R
V
T+
CLK IN (Pin 4) Positive Going
2.7
3.1
3.5
V
DC
Threshold Voltage
V
T−
CLK IN (Pin 4) Negative
1.5
1.8
2.1
V
DC
Going Threshold Voltage
V
H
CLK IN (Pin 4) Hysteresis
0.6
1.3
2.0
V
DC
(V
T+)−(VT−)
V
OUT (0)
Logical “0” CLK R Output
I
O=360 µA
0.4
V
DC
Voltage
V
CC=4.75 VDC
V
OUT (1)
Logical “1” CLK R Output
I
O=−360 µA
2.4
V
DC
Voltage
V
CC=4.75 VDC
DATA OUTPUTS AND INTR
V
OUT (0)
Logical “0” Output Voltage
Data Outputs
I
OUT=1.6 mA, VCC=4.75 VDC
0.4
V
DC
INTR Output
I
OUT=1.0 mA, VCC=4.75 VDC
0.4
V
DC
V
OUT (1)
Logical “1” Output Voltage
I
O=−360 µA, VCC=4.75 VDC
2.4
V
DC
V
OUT (1)
Logical “1” Output Voltage
I
O=−10 µA, VCC=4.75 VDC
4.5
V
DC
I
OUT
TRI-STATE Disabled Output
V
OUT=0 VDC
−3
µA
DC
Leakage (All Data Buffers)
V
OUT=5 VDC
3µA
DC
I
SOURCE
V
OUT Short to Gnd, TA=25˚C
4.5
6
mA
DC
I
SINK
V
OUT Short to VCC,TA=25˚C
9.0
16
mA
DC
POWER SUPPLY
I
CC
Supply Current (Includes
f
CLK=640 kHz,
Ladder Current)
V
REF/2=NC, TA=25˚C
and CS =5V
ADC0801/02/03/04LCJ/05
1.1
1.8
mA
ADC0804LCN/LCWM
1.9
2.5
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 2: All voltages are measured with respect to Gnd, unless otherwise specified. The separate A Gnd point should always be wired to the D Gnd.
Note 3: A zener diode exists, internally, from VCC to Gnd and has a typical breakdown voltage of 7 VDC.
Note 4: For VIN(−)≥ VIN(+) the digital output code will be 0000 0000. Two on-chip diodes are tied to each analog input (see block diagram) which will forward conduct
for analog input voltages one diode drop below ground or one diode drop greater than the VCC supply. Be careful, during testing at low VCC levels (4.5V), as high
level analog inputs (5V) can cause this input diode to conduct–especially at elevated temperatures, and cause errors for analog inputs near full-scale. The spec
allows 50 mV forward bias of either diode. This means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will
be correct. To achieve an absolute 0 VDC to5VDC input voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations,
initial tolerance and loading.
Note 5: Accuracy is guaranteed at fCLK = 640 kHz. At higher clock frequencies accuracy can degrade. For lower clock frequencies, the duty cycle limits can be
extended so long as the minimum clock high time interval or minimum clock low time interval is no less than 275 ns.
Note 6: With an asynchronous start pulse, up to 8 clock periods may be required before the internal clock phases are proper to start the conversion process. The
start request is internally latched, see
Figure 4 and section 2.0.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com