Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRS045V0P Datasheet(PDF) 2 Page - Comchip Technology

Part # CSRS045V0P
Description  Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS045V0P Datasheet(HTML) 2 Page - Comchip Technology

  CSRS045V0P Datasheet HTML 1Page - Comchip Technology CSRS045V0P Datasheet HTML 2Page - Comchip Technology CSRS045V0P Datasheet HTML 3Page - Comchip Technology CSRS045V0P Datasheet HTML 4Page - Comchip Technology CSRS045V0P Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Diodes Specialist
kV
kV
V
A
17
6
6
ESD
VDC
IPP
ESD_VDD
°C
°C
260 ( 10 sec)
-55 to +150
-55 to +85
TSOL
Tj
Lead soldering temperature
Operating temperature
ESD per IEC 61000-4-2(Air)
Operating supply voltage
Peak pulse current ( tp = 8/20 us)
Parameter
Symbol
Value
Unit
Maximum Rating (at TA=25°C unless otherwise noted)
ESD per IEC 61000-4-2(Contact)
ESD per IEC 61000-4-2(Air)(VDD-GND)
ESD per IEC 61000-4-2(Contact)(VDD-GND)
Storage temperature
DC voltage at any I/O pin
TSTG
VIO
(GND -0.5) to (VDD +0.5)
30
12
°C
V
uA
V
5
IR
VRWM
Reverse leakage current
Reverse stand-Off voltage
Parameter
Conditions
Symbol Min Typ Max Unit
VRWM = 5 V, Pin 4 to Pin 1
Pin 4 to Pin 1
Electrical Characteristics (at TA=25°C unless otherwise noted)
VPIN 4
VPIN 1 =
= 5 V,
0V
Diode breakdown voltage
IR = 1 mA, Pin 4 to Pin 1
VBD
Forward voltage
IF = 15 mA, Pin 4 to Pin 1
VF
V
1
Clamping voltage
Any Channel Pin to Ground
= 5 A, tp=8/20us,
IPP
VC
V
IEC 61000-4-2 +6kV,Contact mode
Any channel pin to ground
13
8.1
0.8
6.2
1.2
Junction capacitance
Vpin4 = 5V,Vpin1= 0V, VIN=2.5V,
f = 1MHz,Any channel pin to ground
Cj
1.4
Vpin4 = 5V,Vpin1= 0V, VIN=2.5V
f = 1MHz,Between channel pin
0.1
pF
0.12
Vpin4 = 5V,Vpin1= 0V, VIN=2.5V
f = 1MHz,Channel_x pin to ground -
channel_y pin to ground
0.04
0.06
2
9
1
V
Page 2
QW-BP012
REV:E
Comchip Technology CO., LTD.
Low Capacitance ESD Protection Array



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com