Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRS045V0P Datasheet(PDF) 1 Page - Comchip Technology

Part # CSRS045V0P
Description  Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS045V0P Datasheet(HTML) 1 Page - Comchip Technology

  CSRS045V0P Datasheet HTML 1Page - Comchip Technology CSRS045V0P Datasheet HTML 2Page - Comchip Technology CSRS045V0P Datasheet HTML 3Page - Comchip Technology CSRS045V0P Datasheet HTML 4Page - Comchip Technology CSRS045V0P Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Diodes Specialist
Page 1
QW-BP012
REV:E
Comchip Technology CO., LTD.
CSRS045V0P
RoHs Device
Features
ESD Protected for 2 high speed I/O ports
IEC61000-4-2 (ESD) ±8kV (Contact) ,±15kV(Air).
IEC61000-4-4 (FET)(5/50ns) Level-3, 20A for I/O
40A for Power.
IEC61000-4-5 (Lightning) 6A(8/20uS)
Working voltage: 5V
Low capacitance:1.2pF(Typ.).
Fast turn-on and Low clamping voltage.
Mechanical data
Case: SOT-143 standard package,
molded plastic.
Terminals: Solder plated, solderable per
MIL-STD-750,method 2026.
Dimensions in inches and (millimeters)
SOT-143
Pin Configuration
Circuit Diagram
0.044(1.10)
0.021(0.53)
0.013(0.33)
0.006(0.15)max
0.035(0.90)
VDD
GND
4
3
2
1
I/O 2
4
3
2
1
I/O 1
0.119(3.00)
0.056(1.40)
0.110(2.80)
0.047(1.20)
0.066(1.70)
0.083(2.10)
0.007(0.20)min
0.114(2.90)
0.006(0.15)
0.002(0.05)
0.106(2.70)
Low Capacitance ESD Protection Array
Weight: 0.0108 gram(approx.).


Similar Part No. - CSRS045V0P

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
More results

Similar Description - CSRS045V0P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
Low Capacitance ESD Protection Array
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com