Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRS045V0P Datasheet(PDF) 3 Page - Comchip Technology

Part # CSRS045V0P
Description  Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS045V0P Datasheet(HTML) 3 Page - Comchip Technology

  CSRS045V0P Datasheet HTML 1Page - Comchip Technology CSRS045V0P Datasheet HTML 2Page - Comchip Technology CSRS045V0P Datasheet HTML 3Page - Comchip Technology CSRS045V0P Datasheet HTML 4Page - Comchip Technology CSRS045V0P Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Temperature (°C)
Transmission Line Pulsing (TLP) Voltage (V)
Page 3
QW-BP012
REV:E
Comchip Technology CO., LTD.
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CSRS045V0P)
Fig. 1 - Power derating curve
Fig. 2 - Clamping voltage vs.
Peak pulse current
Fig.3 - Forward voltage v.s.
forward current
Fig.4 - Typical variation of CIN v.s. VIN
Ambient Temperature,T°C)
Peak pulse Current (A)
Waveform
Parameters:
μs
μs
I/O pin to GND pin
Peak pulse Current (A)
Waveform
Parameters:
μs
μs
I/O pin to GND pin
Input Voltage (V)
Fig. 5 - Typical variation of CIN v.s.
temperature
Fig. 6 - Transmission line pulsing
(TLP) measurement
0
2
4
6
8
10
12
14
V_pulse
Pulse from a
transmission line
DUT
TLP_I
+
-
TLP_V
I/O to GND
100ns
18
16
14
12
10
8
6
4
2
0
VDD=5V, GND=0V, V
=2.5V, f=1MHz
IN
110
100
90
80
70
60
50
40
30
20
10
0
25
50
75
100
125
150
tr=8
td=20
0
1
2
3
4
5
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
5.0
5.5
6.0
6.5
7.0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
20
40
60
80
100
120
O
VDD=5V, GND=0V, f=1MHz, T=25
C
tr=8
td=20
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
4.5
5.0
5.5
6.0
6.5
7.0
Low Capacitance ESD Protection Array



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com