Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDH3V3UP Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDH3V3UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDH3V3UP Datasheet(HTML) 4 Page - Comchip Technology

  CPDH3V3UP Datasheet HTML 1Page - Comchip Technology CPDH3V3UP Datasheet HTML 2Page - Comchip Technology CPDH3V3UP Datasheet HTML 3Page - Comchip Technology CPDH3V3UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD ESD Protection Diode
SMD Diodes Specialist
Part Number
CPDH3V3UP
Marking Code
E3V3
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.055
(mm)
1.40
0.60
0.70
0.024
0.028
SOD-523
2.00
0.079
E
0.80
0.031
Standard Package
Case Type
Qty per Reel
(Pcs)
3000
SOD-523
Reel Size
(inch)
7
A
B
C
D
A
C
B
E
D
E3V3
Page 4
Comchip Technology CO., LTD.
REV:C
QW-BP022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com