Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDH3V3UP Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDH3V3UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDH3V3UP Datasheet(HTML) 1 Page - Comchip Technology

  CPDH3V3UP Datasheet HTML 1Page - Comchip Technology CPDH3V3UP Datasheet HTML 2Page - Comchip Technology CPDH3V3UP Datasheet HTML 3Page - Comchip Technology CPDH3V3UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD ESD Protection Diode
SMD Diodes Specialist
CPDH3V3UP
RoHS Device
Features
IEC61000-4-2 (ESD)
kV(Contact),±20kV(Air).
Working voltage: 3.3V
Low leakage current.
Low operating and clamping voltages.
Mechanical data
Case: SOD-523 standard package ,molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Mounting position: Any
Weight: 0.0012 gram(approx.).
Circuit Diagram
±15
Dimensions in inches and (millimeter)
SOD-523
0.014(0.35)
0.010(0.25)
0.051(1.30)
0.043(1.10)
0.033(0.85)
0.030(0.75)
0.067(1.70)
0.059(1.50)
0.031(0.77)
0.020(0.51)
0.006(0.15)
0.003(0.08)
0.008(0.20)
REF
0.003(0.07)
0.001(0.01)
kV
A
W
±20
5
40
VESD
IPP
PPP
OC
-55 to +125
-55 to +125
Tj
Operating temperature
ESD per IEC 61000-4-2(Air)
Peak pulse current ( tp = 8/20 us)
Peak pulse power ( tp = 8/20 us)
Parameter
Symbol
Value
Unit
O
Maximum Rating (at TA=25 C unless otherwise noted)
ESD per IEC 61000-4-2(Contact)
Storage temperature
TSTG
±15
OC
V
V
3.3
VPT
VRWM
Punch-through voltage
Reverse stand-off voltage
Parameter
Conditions
Symbol Min Typ Max Unit
IPT = 2uA
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Snap-back voltage
ISB = 50mA
VSB
Reverse leakage current
VRWM = 3.3V
V
IR
2.8
Clamping voltage
IPP = 1 A, tp=8/20us
VC
V
0.5
0.05
3.5
5.5
uA
IPP = 5 A, tp=8/20us
VC
V
8.0
IPPR = 1 A, tp=8/20us
VCR
V
2.4
Reverse clamping voltage
Junction capacitance
VR = 0 V, f = 1MHz
Cj
pF
16
12
Page 1
Comchip Technology CO., LTD.
REV:C
QW-BP022


Similar Part No. - CPDH3V3UP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDH3V3UP-HF COMCHIP-CPDH3V3UP-HF Datasheet
94Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDH3V3UP

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com