Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDH3V3UP Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDH3V3UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDH3V3UP Datasheet(HTML) 3 Page - Comchip Technology

  CPDH3V3UP Datasheet HTML 1Page - Comchip Technology CPDH3V3UP Datasheet HTML 2Page - Comchip Technology CPDH3V3UP Datasheet HTML 3Page - Comchip Technology CPDH3V3UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD ESD Protection Diode
SMD Diodes Specialist
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
..... ..
.......
End
Start
D1
D2
D
W1
C
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SOD-523
SYMBOL
A
W
W1
Reel Taping Specification
(mm)
(inch)
0.038 0.002
±
0.076 0.002
±
0.029 0.002
±
0.059 0.004
±
7.008 0.04
±
0.512 0.002
±
SOD-523
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.079 0.002
±
0.157 0.004
±
0.079 0.002
±
0.007 0.001
±
0.315 0.016
±
0.96 0.05
±
1.94 0.05
±
2.00 0.05
±
1.50 0.10
±
3.50 0.05
±
1.75 0.10
±
1.30 0.05
±
0.73 0.05
±
4.00 0.10
±
2.00 0.05
±
0.18 0.02
±
8.00 0.40
±
178 1
±
Page 3
Comchip Technology CO., LTD.
REV:C
QW-BP022
Index hole
d
E
F
B
W
A
P
P0
P1
T
C
12.3 0.20
±
0.484 0.008
±
54.4 0.4
±
2.142 0.016
±



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com