Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS4149P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLJS4149P
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS4149P Datasheet(HTML) 2 Page - ON Semiconductor

  NTLJS4149P Datasheet HTML 1Page - ON Semiconductor NTLJS4149P Datasheet HTML 2Page - ON Semiconductor NTLJS4149P Datasheet HTML 3Page - ON Semiconductor NTLJS4149P Datasheet HTML 4Page - ON Semiconductor NTLJS4149P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTLJS4149P
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction-to-Ambient – Steady State (Note 3)
RqJA
65
°C/W
Junction-to-Ambient – t
≤ 5 s (Note 3)
RqJA
38
Junction-to-Ambient – Steady State Min Pad (Note 4)
RqJA
180
3. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface Mounted on FR4 Board using the minimum recommended pad size.
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 mA
-30
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = -250 mA, Ref to 25°C
-1.8
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VDS = -24 V, VGS = 0 V
TJ = 25°C
-0.1
-1.0
mA
TJ = 85°C
-1.0
-10
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±12 V
±0.1
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250 mA
-0.4
-1.0
V
Negative Threshold
Temperature Coefficient
VGS(TH)/TJ
3.1
mV/
°C
Drain-to-Source On-Resistance
RDS(on)
VGS = -4.5 V, ID = -2.0 A
43
62
m
W
VGS = -2.5 V, ID = -2.0 A
56
75
VGS = -4.5 V, ID = -4.5 A
43
62
Forward Transconductance
gFS
VDS = -6.0 V, ID = -3.0 A
10
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = -15 V
960
pF
Output Capacitance
COSS
130
Reverse Transfer Capacitance
CRSS
80
Total Gate Charge
QG(TOT)
VGS = -4.5 V, VDS = -15 V,
ID = -2.0 A
9.9
15
nC
Threshold Gate Charge
QG(TH)
0.8
Gate-to-Source Charge
QGS
1.45
Gate-to-Drain Charge
QGD
2.75
SWITCHING CHARACTERISTICS (Note 6)
Turn-On Delay Time
td(ON)
VGS = -4.5 V, VDS = -15 V,
ID = -2.0 A, RG = 2.0 W
6.9
ns
Rise Time
tr
11
Turn-Off Delay Time
td(OFF)
60
Fall Time
tf
55
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = -1.5 A
TJ = 25°C
-0.75
-1.2
V
TJ = 85°C
-0.65
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = -1.5 A
35
60
ns
Charge Time
ta
10
Discharge Time
tb
25
Reverse Recovery Charge
QRR
0.016
mC
5. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com