Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS4149P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJS4149P
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS4149P Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS4149P Datasheet HTML 1Page - ON Semiconductor NTLJS4149P Datasheet HTML 2Page - ON Semiconductor NTLJS4149P Datasheet HTML 3Page - ON Semiconductor NTLJS4149P Datasheet HTML 4Page - ON Semiconductor NTLJS4149P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTLJS4149P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
5
5
15
20
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
1800
0
-VGS
-VDS
010
VGS = 0 V
TJ = 25°C
Coss
Crss
2400
Ciss
Figure 8. Gate-To-Source and Drain-To-Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
100
tr
td(off)
td(on)
tf
10
VDD = -24 V
ID = -2.0 A
VGS = -4.5 V
0
1.2
-VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage versus Current
1.0
1
0.6
2
0
3
0
QG, TOTAL GATE CHARGE (nC)
5
4
48
ID = -4.5 A
TJ = 25°C
VGS
QGS
QGD
QT
2
1
10
8
0
20
12
4
VDS
16
8
0.8
0.4
0.2
1200
600
25
30
10
VDS = 0 V
26
3
4
5
6
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com