Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS4149P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJS4149P
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS4149P Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJS4149P Datasheet HTML 1Page - ON Semiconductor NTLJS4149P Datasheet HTML 2Page - ON Semiconductor NTLJS4149P Datasheet HTML 3Page - ON Semiconductor NTLJS4149P Datasheet HTML 4Page - ON Semiconductor NTLJS4149P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTLJS4149P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
1
0.05
3
2
0.03
410
1.4
1.6
1.2
0.8
0.6
10000
02
1
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
13
2
0
6
Figure 3. On-Resistance versus
Gate-to-Source Voltage
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 4. On-Resistance versus Drain Current
and Gate Voltage
-ID, DRAIN CURRENT (AMPS)
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain-to-Source Leakage Current
versus Voltage
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
10
-50
50
25
0
-25
75
125
100
1
015
10
5
3
2
VDS ≥ -10 V
TJ = 25°C
TJ = -55°C
TJ = 100°C
VGS = 0 V
ID = -2.0 A
VGS = -4.5 V
4
0.2
TJ = 100°C
TJ = 150°C
2
0
10
1.5
TJ = 25°C
30
VGS = -1.9 V to -7 V
-1.7 V
3
1000
4
6
4
0.1
150
100000
2.5
-1.5 V
-1.4 V
-1.2 V
TJ = 25°C
ID = -2.0 A
TJ = 25°C
0.04
VGS = -4.5 V
VGS = -2.5 V
20
25
2
0.5
55
8
5
6
-1.8 V
-1.1 V
8
0.07
0.06
6
100
0.15
0.05
4
789
1.0
-1.6 V
-1.3 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com