Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq20z65-R1DBT Datasheet(PDF) 8 Page - Texas Instruments

Part # bq20z65-R1DBT
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq20z65-R1DBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq20z65-R1DBT Datasheet HTML 4Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 5Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 6Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 7Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 8Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 9Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 10Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 11Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V,
V(BAT) = 14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TOUT)
Output voltage
I(TOUT) = 0 mA; TA = 25°C
V(REG25)
V
I(TOUT) = 1 mA; RDS(on) = (V(REG25) - V(TOUT) )/ 1 mA; TA =
RDS(on)
TOUT pass element resistance
50
100
Ω
–40°C to 100°C
LED OUTPUTS
VOL
Output low voltage
LED1, LED2, LED3, LED4, LED5
0.4
V
VCELL+ HIGH VOLTAGE TRANSLATION
VC(n) - VC(n+1) = 0 V;
0.950
0.975
1
TA = –40°C to 100°C
V(VCELL+OUT)
VC(n) - VC(n+1) = 4.5 V;
0.275
0.3
0.375
TA = –40°C to 100°C
internal AFE reference voltage ;
V(VCELL+REF)
Translation output
0.965
0.975
0.985
V
TA = –40°C to 100°C
V(VCELL+PACK
Voltage at PACK pin;
0.98 ×
1.02 ×
V(PACK)/18
)
TA = –40°C to 100°C
V(PACK)/18
V(PACK)/18
Voltage at BAT pin;
0.98 ×
1.02 ×
V(VCELL+BAT)
V(BAT)/18
TA = –40°C to 100°C
V(BAT)/18
V(BAT)/18
CMMR
Common mode rejection ratio
VCELL+
40
dB
K= {VCELL+ output (VC5=0V; VC4=4.5V) - VCELL+
0.147
0.150
0.153
output (VC5=0V; VC4=0V)}/4.5
K
Cell scale factor
K= {VCELL+ output (VC2=13.5V; VC1=18V) - VCELL+
output
0.147
0.150
0.153
(VC5=13.5V; VC1=13.5V)}/4.5
Drive Current to VCELL+
VC(n) - VC(n+1) = 0V; VCELL+ = 0 V;
I(VCELL+OUT)
12
18
μA
capacitor
TA = –40°C to 100°C
CELL output (VC2 = VC1 = 18 V) - CELL output (VC2 =
V(VCELL+O)
CELL offset error
-18
-1
18
mV
VC1 = 0 V)
IVCnL
VC(n) pin leakage current
VC1, VC2, VC3, VC4, VC5 = 3 V
-1
0.01
1
μA
CELL BALANCING
internal cell balancing FET
RDS(on) for internal FET switch at
RBAL
200
400
600
Ω
resistance
VDS = 2 V; TA = 25°C
HARDWARE SHORT CIRCUIT AND OVERLOAD PROTECTION; TA = 25°C (unless otherwise noted)
VOL = 25 mV (min)
15
25
35
OL detection threshold voltage
V(OL)
VOL = 100 mV; RSNS = 0, 1
90
100
110
mV
accuracy
VOL = 205 mV (max)
185
205
225
V(SCC) = 50 mV (min)
30
50
70
SCC detection threshold voltage
V(SCC)
V(SCC) = 200 mV; RSNS = 0, 1
180
200
220
mV
accuracy
V(SCC) = 475 mV (max)
428
475
523
V(SCD) = –50 mV (min)
–30
–50
–70
SCD detection threshold voltage
V(SCD)
V(SCD) = –200 mV; RSNS = 0, 1
–180
–200
–220
mV
accuracy
V(SCD) = –475 mV (max)
–428
–475
–523
tda
Delay time accuracy
±15.25
μs
Protection circuit propagation
tpd
50
μs
delay
FET DRIVE CIRCUIT; TA = 25°C (unless otherwise noted)
V(DSGON) = V(DSG) - V(PACK);
V(DSGON)
DSG pin output on voltage
V(GS) connected to 10 MΩ; DSG and CHG on;
8
12
16
V
TA = –40°C to 100°C
V(CHGON) = V(CHG) - V(BAT);
V(CHGON)
CHG pin output on voltage
V(GS) = 10 MΩ; DSG and CHG on;
8
12
16
V
TA = –40°C to 100°C
V(DSGOFF)
DSG pin output off voltage
V(DSGOFF) = V(DSG) - V(PACK)
0.2
V
V(CHGOFF)
CHG pin output off voltage
V(CHGOFF) = V(CHG) - V(BAT)
0.2
V
V(CHG): V(PACK) ≥ V(PACK) + 4V
400
1000
tr
Rise time
CL= 4700 pF
μs
V(DSG): V(BAT) ≥V(BAT) + 4V
400
1000
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com