Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq20z65-R1DBT Datasheet(PDF) 2 Page - Texas Instruments

Part # bq20z65-R1DBT
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq20z65-R1DBT Datasheet(HTML) 2 Page - Texas Instruments

  bq20z65-R1DBT Datasheet HTML 1Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 2Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 3Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 4Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 5Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 6Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 7Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 8Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LED Display
SMB 1.1
JEITA and
Enhanced
Charging
Algorithm
Data Flash
Memory
SHA-1
Authentication
Fuse Blow
Detection & Logic
System Control
Over
Temperature
Protection
Temperature
Measurement
Oscillator
Over & Under
Voltage
Protection
Over Current
Protection
PreCharge FET
& GPOD Drive
Impedance
Track™ Gas
Gauging
Voltage
Measurement
Coulomb
Counter
N Channel FET
Drive
AFE HW Control
HW Over
Current & Short
Circuit Protection
Power Mode
Control
Watchdog
Cell Balancing
Cell Voltage
Multiplexer
Regulators
SMBD
SMBC
DISP
RBI
MSRT
RESET
ALERT
VCELL+
VC1
VC2
VC3
VC4
VC5
REG33
REG25
VC1
VC4
VDD
VC2
CD
GND
OUT
VC3
+
+
+
+
PACK+
PACK-
RSNS
5mΩ - 20m Ω typ
bq20z65-R1
bq294xx
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
SYSTEM PARTITIONING DIAGRAM
PACKAGE THERMAL DATA
Table 2.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°
DEVICE
PACKAGE
θja
POWER RATING
TA > 25°C
POWER RATING
POWER RATING
bq20z65-R1
TSSOP-44
47.6°C/W
2101mW
21.01mw/°C
1155mW
840mW
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com