Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq20z65-R1DBT Datasheet(PDF) 10 Page - Texas Instruments

Part # bq20z65-R1DBT
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq20z65-R1DBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button bq20z65-R1DBT Datasheet HTML 6Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 7Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 8Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 9Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 10Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 11Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 12Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 13Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V,
V(BAT) = 14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Effective input resistance(10)
TA = 25°C to 85°C
2.5
M
Ω
INTERNAL TEMPERATURE SENSOR
V(TEMP)
Temperature sensor voltage(11)
-2.0
mV/°C
VOLTAGE REFERENCE
Output voltage
1.215
1.225
1.230
V
Output voltage drift
65
PPM/°C
HIGH FREQUENCY OSCILLATOR
f(OSC)
Operating frequency
4.194
MHz
–3%
0.25%
3%
f(EIO)
Frequency error (12) (13)
TA = 20°C to 70°C
–2%
0.25%
2%
t(SXO)
Start-up time(14)
2.5
5
ms
LOW FREQUENCY OSCILLATOR
f(LOSC)
Operating frequency
32.768
kHz
–2.5%
0.25%
2.5%
f(LEIO)
Frequency error(13) (15)
TA = 20°C to 70°C
–1.5%
0.25%
1.5%
t(LSXO)
Start-up time(14)
500
µs
(10) The CC input is a switched capacitor input. Since the input is switched, the effective input resistance is a measure of the average
resistance.
(11) –53.7 LSB/°C
(12) The frequency error is measured from 4.194 MHz.
(13) The frequency drift is included and measured from the trimmed frequency at V(REG25) = 2.5V, TA = 25°C.
(14) The startup time is defined as the time it takes for the oscillator output frequency to be ±3%.
(15) The frequency error is measured from 32.768 kHz.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com