Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z65DBT-R1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z65DBT-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z65DBT-R1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ20Z65DBT-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 9Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 10Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
bq20z65-R1
www.ti.com
SLUS990 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V,
V(BAT) = 14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
I(NORMAL)
Firmware running
550
µA
I(SLEEP)
Sleep mode
CHG FET on; DSG FET on
124
µA
CHG FET off; DSG FET on
90
µA
CHG FET off; DSG FET off
52
µA
I(SHUTDOWN)
Shutdown mode
0.1
1
µA
SHUTDOWN WAKE; TA = 25°C (unless otherwise noted)
Shutdown exit at VSTARTUP
I(PACK)
1
µA
threshold
SRx WAKE FROM SLEEP; TA = 25°C (unless otherwise noted)
Positive or negative wake
threshold with 1.00 mV, 2.25 mV,
V(WAKE)
1.25
10
mV
4.5 mV and 9 mV programmable
options
V (WAKE) = 1 mV;
-0.7
0.7
I(WAKE)= 0, RSNS1 = 0, RSNS0 = 1;
V(WAKE) = 2.25 mV;
I(WAKE) = 1, RSNS1 = 0, RSNS0 = 1;
-0.8
0.8
I(WAKE) = 0, RSNS1 = 1, RSNS0 = 0;
V(WAKE_ACR)
Accuracy of V(WAKE)
mV
V(WAKE) = 4.5 mV;
I(WAKE) = 1, RSNS1 = 1, RSNS0 = 1;
-1.0
1.0
I(WAKE) = 0, RSNS1 = 1, RSNS0 = 0;
V(WAKE) = 9 mV;
-1.4
1.4
I(WAKE) = 1, RSNS1 = 1, RSNS0 = 1;
Temperature drift of V(WAKE)
V(WAKE_TCO)
0.5
%/°C
accuracy
Time from application of current
t(WAKE)
1
10
ms
and wake of bq20z65-R1
WATCHDOG TIMER
tWDTINT
Watchdog start up detect time
250
500
1000
ms
tWDWT
Watchdog detect time
50
100
150
µs
2.5V LDO; I(REG33OUT) = 0 mA; TA = 25°C (unless otherwise noted)
4.5 < VCC or BAT < 25 V;
V(REG25)
Regulator output voltage
I(REG25OUT) ≤ 16 mA;
2.41
2.5
2.59
V
TA = –40°C to 100°C
ΔV(REG25TEM Regulator output change with
I(REG25OUT) = 2 mA;
±0.2
%
P)
temperature
TA = –40°C to 100°C
ΔV(REG25LINE
5.4 < VCC or BAT < 25 V;
Line regulation
3
10
mV
)
I(REG25OUT) = 2 mA
0.2 mA
≤ I(REG25OUT) ≤ 2 mA
7
25
ΔV(REG25LOA
Load regulation
mV
D)
0.2 mA
≤ I(REG25OUT) ≤ 16 mA
25
50
drawing current until
I(REG25MAX)
Current limit
5
40
75
mA
REG25 = 2 V to 0 V
3.3V LDO; I(REG25OUT) = 0 mA; TA = 25°C (unless otherwise noted)
4.5 < VCC or BAT < 25 V;
V(REG33)
Regulator output voltage
I(REG33OUT) ≤ 25 mA;
3
3.3
3.6
V
TA = –40°C to 100°C
ΔV(REG33TEM Regulator output change with
I(REG33OUT) = 2 mA;
±0.2
%
P)
temperature
TA = –40°C to 100°C
ΔV(REG33LINE
5.4 < VCC or BAT < 25 V;
Line regulation
3
10
mV
)
I(REG33OUT) = 2 mA
0.2 mA
≤ I(REG33OUT) ≤ 2 mA
7
17
ΔV(REG33LOA
Load regulation
mV
D)
0.2mA
≤ I(REG33OUT) ≤ 25 mA
40
100
drawing current until REG33 = 3 V
25
100
145
I(REG33MAX)
Current limit
mA
short REG33 to VSS, REG33 = 0 V
12
65
THERMISTOR DRIVE
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com