Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z65DBT-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z65DBT-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z65DBT-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z65DBT-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
bq20z65-R1
www.ti.com
SLUS990 – DECEMBER 2009
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
ENABLED WITH IMPEDANCE TRACK™
Check for Samples: bq20z65-R1
1
FEATURES
APPLICATIONS
•
Notebook PCs
2
•
Next Generation Patented Impedance Track™
Technology Accurately Measures Available
•
Medical and Test Equipment
Charge in Li-Ion and Li-Polymer Batteries
•
Portable Instrumentation
–
Better Than 1% Error Over the Lifetime of
DESCRIPTION
the Battery
•
Supports the Smart Battery Specification
The bq20z65-R1 SBS-compliant gas gauge and
SBS V1.1
protection IC, incorporating patented Impedance
Track™ technology, is a single IC solution designed
•
Flexible Configuration for 2 to 4 Series Li-Ion
for
battery-pack
or
in-system
installation.
The
and Li-Polymer Cells
bq20z65-R1 measures and maintains an accurate
•
Powerful 8-Bit RISC CPU With Ultralow Power
record of available charge in Li-ion or Li-polymer
Modes
batteries
using
its
integrated
high-performance
analog
peripherals.
The
bq20z65-R1
monitors
•
Full Array of Programmable Protection
capacity change, battery impedance, open-circuit
Features
voltage, and other critical parameters of the battery
–
Voltage, Current, and Temperature
pack which reports the information to the system host
•
Satisfies JEITA Guidelines
controller over a serial-communication bus. Together
with
the
integrated
analog
front-end
(AFE)
•
Added Flexibility to Handle More Complex
short-circuit and overload protection, the bq20z65-R1
Charging Profiles
maximizes functionality and safety while minimizing
•
Lifetime Data Logging
external component count, cost, and size in smart
•
Drives 3, 4, and 5 Segment LED Display for
battery circuits.
Battery-Pack Conditions
The implemented Impedance Track™ gas gauging
•
Supports SHA-1 Authentication
technology
continuously
analyzes
the
battery
•
Complete Battery Protection and Gas Gauge
impedance,
resulting
in
superior
gas-gauging
Solution in One Package
accuracy. This enables remaining capacity to be
calculated with discharge rate, temperature, and cell
•
Available in a 44-Pin TSSOP (DBT) package
aging all accounted for during each stage of every
cycle with high accuracy.
Table 1. AVAILABLE OPTIONS
PACKAGE(1)
TA
44-PIN TSSOP (DBT) Tube
44-PIN TSSOP (DBT) Tape and Reel
–40°C to 85°C
bq20z65-R1DBT(2)
bq20z65-R1DBTR(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
A single tube quantity is 40 units.
(3)
A single reel quantity is 2000 units
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ20Z65DBT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655DBT TI1-BQ20Z655DBT Datasheet
323Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655DBT-R1 TI-BQ20Z655DBT-R1 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
More results

Similar Description - BQ20Z65DBT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com