Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z65DBT-R1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z65DBT-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z65DBT-R1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ20Z65DBT-R1 Datasheet HTML 12Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 13Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 14Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 15Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 16Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 17Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 18Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 19Page - Texas Instruments BQ20Z65DBT-R1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
CONFIGURATION
Oscillator Function
The bq20z65-R1 fully integrates the system oscillators therefore, no external components are required for this
feature.
System Present Operation
The bq20z65-R1 periodically verifies the PRES pin and detects that the battery is present in the system via a low
state on a PRES input. When this occurs, the bq20z65-R1 enters normal operating mode. When the pack is
removed from the system and the PRES input is high, the bq20z65-R1 enters the battery-removed state,
disabling the charge, discharge, and ZVCHG FETs. The PRES input is ignored and can be left floating when
non-removal mode is set in the data flash.
BATTERY PARAMETER MEASUREMENTS
The bq20z65-R1 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and
a second delta-sigma ADC for individual cell and battery voltage, and temperature measurement.
Charge and Discharge Counting
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar
signals from -0.25 V to 0.25 V. The bq20z65-R1 detects charge activity when VSR = V(SRP)-V(SRN)is positive and
discharge activity when VSR = V(SRP) - V(SRN) is negative. The bq20z65-R1 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65nVh.
Voltage
The bq20z65-R1 updates the individual series cell voltages at one second intervals. The internal ADC of the
bq20z65-R1 measures the voltage, scales and calibrates it appropriately. This data is also used to calculate the
impedance of the cell for the Impedance Track™ gas-gauging.
Current
The bq20z65-R1 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge
current using a 5m
Ω to 20mΩ typ. sense resistor.
Wake Function
The bq20z65-R1 can exit sleep mode, if enabled, by the presence of a programmable level of current signal
across SRP and SRN.
Auto Calibration
The bq20z65-R1 provides an auto-calibration feature to cancel the voltage offset error across SRN and SRP for
maximum charge measurement accuracy. The bq20z65-R1 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of a programmable amount of time.
Temperature
The bq20z65-R1 has an internal temperature sensor and 2 external temperature sensor inputs, TS1 and TS2,
used in conjunction with two identical NTC thermistors (default are Semitec 103AT) to sense the battery
environmental temperature. The bq20z65-R1 can be configured to use the internal temperature sensor or up to 2
external temperature sensors.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com