Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2145 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2145
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2145 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2145 Datasheet HTML 3Page - Diodes Incorporated AP2145 Datasheet HTML 4Page - Diodes Incorporated AP2145 Datasheet HTML 5Page - Diodes Incorporated AP2145 Datasheet HTML 6Page - Diodes Incorporated AP2145 Datasheet HTML 7Page - Diodes Incorporated AP2145 Datasheet HTML 8Page - Diodes Incorporated AP2145 Datasheet HTML 9Page - Diodes Incorporated AP2145 Datasheet HTML 10Page - Diodes Incorporated AP2145 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP2145/AP2155
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2145/AP2155 Rev. 1
7 of 14
DECEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Power Off
10ms/div
Device Enabled
1ms/div
Device Disabled
1ms/div
UVLO Increasing
1ms/div
UVLO Decreasing
10ms/div
Iout
200mA/div
Vin
2V/div
TA=25°C
CL=100uF
RL=10Ω
Iout
200mA/div
Ven
5V/div
Vin
2V/div
Iout
200mA/div
TA=25°C
CL=100uF
RL=10Ω
TA=25°C
CL=100uF
RL=10Ω
Iout
200mA/div
Vin
5V/div
Ven
5V/div
Iout
200mA/div
TA=25°C
CL=100uF
RL=10Ω
TA=25°C
CL=100uF
RL=10Ω
Vout
5V/div
Vflag
5V/div
Vout
5V/div
Vflag
5V/div
Vflag
5V/div
Vout
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com