Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2145 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2145
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2145 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2145 Datasheet HTML 6Page - Diodes Incorporated AP2145 Datasheet HTML 7Page - Diodes Incorporated AP2145 Datasheet HTML 8Page - Diodes Incorporated AP2145 Datasheet HTML 9Page - Diodes Incorporated AP2145 Datasheet HTML 10Page - Diodes Incorporated AP2145 Datasheet HTML 11Page - Diodes Incorporated AP2145 Datasheet HTML 12Page - Diodes Incorporated AP2145 Datasheet HTML 13Page - Diodes Incorporated AP2145 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP2145/AP2155
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2145/AP2155 Rev. 1
10 of 14
DECEMBER 2009
www.diodes.com
© Diodes Incorporated
Application Note
Power Supply Considerations
A 0.1-
μF to 1-μF X7R or X5R ceramic bypass capacitor between IN and GND, close to the device, is
recommended. Placing a high-value electrolytic capacitor on the input and output pin(s) is recommended
when the output load is heavy. This precaution reduces power-supply transients that may cause ringing on
the input. Additionally, bypassing the output with a 0.01-
μF to 0.1-μF ceramic capacitor improves the
immunity of the device to short-circuit transients.
Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors,
sense FETs do not increase the series resistance of the current path. When an overcurrent condition is
detected, the device maintains a constant output current and reduces the output voltage accordingly.
Complete shutdown occurs only if the fault stays long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted to
GND before the device is enabled or before VIN has been applied. The AP2145/AP2155 senses the short
circuit and immediately clamps output current to a certain safe level namely ILIMIT.
In the second condition, an output short or an overload occurs while the device is enabled. At the instance
the overload occurs, higher current may flow for a very short period of time before the current limit function
can react. After the current limit function has tripped (reached the over-current trip threshold), the device
switches into current limiting mode and the current is clamped at ILIMIT.
In the third condition, the load has been gradually increased beyond the recommended operating current.
The current is permitted to rise until the current-limit threshold (ITRIG) is reached or until the thermal limit of
the device is exceeded. The AP2145/AP2155 is capable of delivering current up to the current-limit threshold
without damaging the device. Once the threshold has been reached, the device switches into its current
limiting mode and is set at ILIMIT.
To protect against short circuit to GND at extremely low temperature (< -30
oC), a minimum 120-μF
electrolytic capacitor on the output pin is recommended.
A correct capacitor type with capacitor voltage
rating and temperature characteristics must be properly chosen so that capacitance value does not drop too
low at the extremely low temperature operation. A recommended capacitor should have temperature
characteristics of less than 10% variation of capacitance change when operated at extremely low temp. Our
recommended aluminum electrolytic capacitor type is Panasonic FC series.
FLG Response
When an over-current or over-temperature shutdown condition is encountered, the FLG open-drain output
goes active low after a nominal 7-ms deglitch timeout. The FLG output remains low until both over-current
and over-temperature conditions are removed. Connecting a heavy capacitive load to the output of the
device can cause a momentary over-current condition, which does not trigger the FLG due to the 7-ms
deglitch timeout. The AP2145/AP2155 is designed to eliminate false over-current reporting without the need
of external components to remove unwanted pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com