Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2145 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2145
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2145 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2145 Datasheet HTML 1Page - Diodes Incorporated AP2145 Datasheet HTML 2Page - Diodes Incorporated AP2145 Datasheet HTML 3Page - Diodes Incorporated AP2145 Datasheet HTML 4Page - Diodes Incorporated AP2145 Datasheet HTML 5Page - Diodes Incorporated AP2145 Datasheet HTML 6Page - Diodes Incorporated AP2145 Datasheet HTML 7Page - Diodes Incorporated AP2145 Datasheet HTML 8Page - Diodes Incorporated AP2145 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP2145/AP2155
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2145/AP2155 Rev. 1
2 of 14
DECEMBER 2009
www.diodes.com
© Diodes Incorporated
AP 21 X 5 XX G - 13
4 : Active Low
5 : Active High
G : Green
13 : Tape & Reel
5 : 1 Channel
Channel
Green
Package
Enable
Packing
S : SOP-8L
MP : MSOP-8L-EP
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP21X5SG-13
S
SOP-8L
2500/Tape & Reel
-13
AP21X5MPG-13
MP
MSOP-8L-EP
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
SOP-8L
( Top View )
1
2
3
4
8
7
6
5
OUT
IN
NC
OUT
EN
NC
GND
FLG
MSOP-8L-EP
1
2
3
4
8
7
6
5
OUT
IN
NC
OUT
EN
NC
GND
FLG
( Top View )
Pin Name
Pin Number
Descriptions
EN
1
Enable input, active low (AP2145) or active high (AP2155)
FLG
2
Over-current and over-temperature fault report; open-drain flag is active low
when triggered
GND
3
Ground
NC
4, 5
No internal connection
OUT
6, 8
Voltage output pin (all OUT pins must be tied together externally)
IN
7
Voltage input pin
Ordering Information
Pin Assignment
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com