Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7167 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI7167
Description  Advanced STB decoder with integrated DVB-T/DVB-C demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7167 Datasheet(HTML) 3 Page - STMicroelectronics

  STI7167 Datasheet HTML 1Page - STMicroelectronics STI7167 Datasheet HTML 2Page - STMicroelectronics STI7167 Datasheet HTML 3Page - STMicroelectronics STI7167 Datasheet HTML 4Page - STMicroelectronics STI7167 Datasheet HTML 5Page - STMicroelectronics STI7167 Datasheet HTML 6Page - STMicroelectronics STI7167 Datasheet HTML 7Page - STMicroelectronics STI7167 Datasheet HTML 8Page - STMicroelectronics STI7167 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STi7167
Introduction
Doc ID 15836 Rev 2
3/10
1.1
STi7167 features summary
The STi7167 has the following main features:
●
DVB-T demodulator
●
General features:
–
Wide-range carrier tracking loop for large offsets recovery
–
Dual ADC for IQ baseband interface
–
Dual SD digital split AGC for RF and IF/BB
–
Gain control
●
Channel impairments management:
–
Nordig Unified (v2.0) compliant
–
DTG 5.0 and Digitenne compliant
–
Built-in channel reception quality indicators
–
Out-of-guard interval echoes compatible
–
Impulsive noise rejection capable
–
Outstanding adjacent and co-channel rejection capability with integrated and
flexible digital channel filtering
–
High-performance digital carrier, timing and symbol recovery loops
●
Decoding capabilities:
–
ETSI EN-300744 v1.5.1 compatible
–
2-K and 8-K FFT
–
6, 7 and 8 MHz channel bandwidths
–
1/4, 1/8, 1/16, 1/32 guard-interval length
–
QPSK - 16QAM - 64QAM modulations
–
Hierarchical modulation capability
–
TPS decoding
–
Puncture rates are 1/2, 2/3, 3/4, 5/6, 7/8
–
Outer Reed-Solomon decoder as per DVB-T standard
–
Energy dispersal descrambler
●
DVB-C demodulator
●
Decodes ITU-T J.83-Annexes A/C and DVB-C bit streams
–
High-performance integrated ADC for direct IF architecture in all QAM modes
–
Supports 16, 32, 64, 128 and 256 point constellations
–
Variable symbol rates
–
Front derotator for better low symbol rate performance and relaxed tuner
constraints
–
Integrated matched filtering
–
Robust integrated adaptive pre- and post- high multi-tap equalizer
–
On-chip FEC A/C with ability to bypass individual blocks
–
Fast signal acquisition
●
ST40-300, dual-issue applications CPU with 32KI, 32KD caches; Target speed
450 MHz delivering 800 DMIPs
–
Includes a tightly coupled vector FPU to accelerate 3D graphics transformations



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com