Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7167 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI7167
Description  Advanced STB decoder with integrated DVB-T/DVB-C demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7167 Datasheet(HTML) 4 Page - STMicroelectronics

  STI7167 Datasheet HTML 1Page - STMicroelectronics STI7167 Datasheet HTML 2Page - STMicroelectronics STI7167 Datasheet HTML 3Page - STMicroelectronics STI7167 Datasheet HTML 4Page - STMicroelectronics STI7167 Datasheet HTML 5Page - STMicroelectronics STI7167 Datasheet HTML 6Page - STMicroelectronics STI7167 Datasheet HTML 7Page - STMicroelectronics STI7167 Datasheet HTML 8Page - STMicroelectronics STI7167 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Introduction
STi7167
4/10
Doc ID 15836 Rev 2
●
Single 16/32-bit DDR1/DDR2 Local Memory Interface up to 400 MHz
●
Latest generation “Delta” video decoder (RASTA) with ST231 programmable CPU
core:
–
MPEG2, H264, VC-1/WMV9, HD or SD advanced video decoding
–
Provides flexibility to support other codecs, for example MPEG4 Pt2, DivX, XviD,
H263 encode/decode, Flash (Sorenson, ON2/VP6), AVS-SD
–
HD + SD decoding or Dual SD decoding, PIP and Mosaic capable
–
Real-time transcoding of MPEG2 SD to H264 SIF
●
Advanced de-blocking of decoded MPEG2 SD sources based on ST’s DSE (Digital
Source Enhancer) technology with 2D analysis window and texture adaptive filter
●
ST231 CPU based audio decoder. MPEG1 I/II, MP3, Dolby Digital/DD+, MPEG4
AAC/AAC+ multichannel audio decoding. Concurrent audio description decoding. DD+
to DD and AAC+ to DTS/DD transcoding
●
Main and Aux video display pipelines:
–
Main: high quality H & V reformatting/resizing with sample rate
conversion/filtering. Motion adaptive spatial and temporal de-interlacing for
480p/576p and 1080p60 progressive output
–
Aux: high quality H & V reformatting/resizing with sample rate conversion/filtering
●
Three independent graphics planes with H&V resize, CLUT and anti-flicker filtering
●
Link list, graphics blitter. Supports rendering of 2D graphics and 3D user interface
effects. Up to 200 Mpixels/sec with destination alpha blending.
●
Independent Main and Aux display compositions (video/graphics mixing)
●
Pass-through display for graphics, Main video or Aux video output concurrently with
Main and Aux compositions
●
HD display capture and down-conversion for concurrent HD and SD output of the main
composition
●
HDMI 1.3a interface with HDCP copy protection. (HD/ED/SD formats up to 1080p60)
●
16-bit digital video output for main display composition (HD/ED/SD formats up to
1080p60)
●
2nd 24 bits + 8 bits alpha digital video output for pass-through display or Main/Aux
display compositions (HD/ED/SD formats up to 1080p60)
●
PAL/NTSC/SECAM digital encoder
●
Six 10-bit DACs for component/composite analog video output (HD/ED/SD formats up
to 1080i)
–
DACs available for HD+SD output or all can be used for SD output with concurrent
HD over HDMI
●
Digital video input port, 8-bit SD and 16-bit HD YCbCr 4:2:2 formats supported
●
Integrated stereo audio DAC
●
Six-channel audio PCM output interface
●
Stereo audio PCM input interface
●
Independent S/PDIF output
●
Quadruple external TS input, triple internal TS from memory
–
One input is dedicated to output from internal demodulator
●
Dual DVB-CI+ modules supported
●
Multi-stream transport stream de-multiplexing, 400 Mbits/sec, quad tuner DVR capable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com