Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI7167 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI7167
Description  Advanced STB decoder with integrated DVB-T/DVB-C demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7167 Datasheet(HTML) 5 Page - STMicroelectronics

  STI7167 Datasheet HTML 1Page - STMicroelectronics STI7167 Datasheet HTML 2Page - STMicroelectronics STI7167 Datasheet HTML 3Page - STMicroelectronics STI7167 Datasheet HTML 4Page - STMicroelectronics STI7167 Datasheet HTML 5Page - STMicroelectronics STI7167 Datasheet HTML 6Page - STMicroelectronics STI7167 Datasheet HTML 7Page - STMicroelectronics STI7167 Datasheet HTML 8Page - STMicroelectronics STI7167 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STi7167
Introduction
Doc ID 15836 Rev 2
5/10
●
DVB/DES/TDES/AES/Multi-2/ICAM2.2 descrambling
●
ATIS-IIF and DVB-CI+ descrambling
●
Dual USB 2.0 Host interfaces including PHYs
●
Optional e-SATA HDD interface including PHY
●
Integrated Ethernet GMAC, Wake on LAN, multiple hardware address filters, supports
MII/RMII, Turbo MII up to 300 MBits/sec
●
16-bit external memory and peripheral interface (EMI)
●
Interfacing to and boot from parallel NOR FLASH, NAND FLASH or serial NOR FLASH
●
32-bit, 33 MHz, PCI Interface, shared on EMI with access interleaving possible
●
DVR supported with HDD attachment via e-SATA, EIDE (PIO mode) or USB.
●
Dual multichannel flexible DMA controllers
●
STB peripherals
–
2 × Smart Card, 4 × UARTs, 4 × SSC/I²C, GPIO banks with alternate functions, IR
Tx/Rx, UHF Rx/SCD, PWM, ILC, HDMI CEC, 4 × 4 key matrix scanner
●
Advanced security - Secure control words, Code authentication, JTAG locking,
Network/DVR copy protection, SVP, VGS, DTCP-IP, MS-DRM, MSTV
●
Package: 27 mm × 27 mm FPBGA, 700 balls, pitch 0.8 mm, ball 0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com