Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2221 Datasheet(PDF) 1 Page - RFHIC

Part # AP2221
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2221 Datasheet(HTML) 1 Page - RFHIC

  AP2221 Datasheet HTML 1Page - RFHIC AP2221 Datasheet HTML 2Page - RFHIC AP2221 Datasheet HTML 3Page - RFHIC AP2221 Datasheet HTML 4Page - RFHIC AP2221 Datasheet HTML 5Page - RFHIC AP2221 Datasheet HTML 6Page - RFHIC AP2221 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
M
MM
MIIC
C
A
AP
P22222211
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Product Features
Application
• Small size
• SMD Type Package
• NO matching circuit needed
• High efficiency
• Dual supply voltage
• Higher linearity
• 12 pin Air cavity package
• Higher productivity
• Lower manufacturing cost
• GaAs MMIC
• 30 – 870MHz
• -60dBc CSO 135 Channels@ output Level +37dBmV
• -65dBc CTB 135 Channels@ output Level +37dBmV
• Satellite
• Converter
• CATV
Description
The power amplifier is designed for base stations and repeater systems.
GaAs MMIC is used and attached on a copper carrier of 12 pin air cavity package with dual supply voltage.
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
30
1000
Device Voltage
VDC
+6
+7
+12
Case Temperature
℃
-40
-
+85
RF Input Power
dBm
-
+15
Specifications
T=25℃, Vdd=6.0, 75Ω system
Units
Minimum
Typical
Maximu
Condition
MHz
30~870MHz
V
6Vdd=6V
mA
190
230
270
dB
12
12.6
30MHz
dB
12
12.3
870MHz
dB
-20
-10
dB
-20
-10
dBm
43
dBm
21
24
dB
3.5
5
CSO
dBc
-60
-55
135 channels,+37dBmV/ch
CTB
dBc
-65
-60
135 channels,+37dBmV/ch
XMD
dBc
-60
-55
135 channels,+37dBmV/ch
30 - 870MHz
Noise Figure
S11-Input Return Loss
S22-Output Return Loss
OIP3
OIP1
Current
S21-Gain
S21-Gain
Parameter
Frequency Range
Supply Voltage
Single Ended CATV Evaluation
Package : SP12


Similar Part No. - AP2221

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
logo
A POWER MICROELECTRONIC...
AP2222D APME-AP2222D Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
logo
RFHIC
AP222 RFHIC-AP222_14 Datasheet
201Kb / 6P
High Linearity Drive Amplifier
More results

Similar Description - AP2221

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
SMA3109 ONSEMI-SMA3109 Datasheet
381Kb / 5P
MMIC
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com