Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2221 Datasheet(PDF) 2 Page - RFHIC

Part # AP2221
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2221 Datasheet(HTML) 2 Page - RFHIC

  AP2221 Datasheet HTML 1Page - RFHIC AP2221 Datasheet HTML 2Page - RFHIC AP2221 Datasheet HTML 3Page - RFHIC AP2221 Datasheet HTML 4Page - RFHIC AP2221 Datasheet HTML 5Page - RFHIC AP2221 Datasheet HTML 6Page - RFHIC AP2221 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M
MM
MIIC
C
A
AP
P22222211
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
T=25℃, Vdd=7.0, 75Ω system
Units
Minimum
Typical
Maximu
Condition
MHz
30~870MHz
V
7Vdd=7V
mA
190
230
270
dB
12
12.6
30MHz
dB
12
12.3
870MHz
dB
-19
-10
dB
-19
-10
dBm
43
dBm
22
25
dB
3.6
5.1
CSO
dBc
-60
-55
135 channels,+37dBmV/ch
CTB
dBc
-65
-60
135 channels,+37dBmV/ch
XMD
dBc
-60
-55
135 channels,+37dBmV/ch
30 - 870MHz
Noise Figure
S11-Input Return Loss
S22-Output Return Loss
OIP3
OIP1
Current
S21-Gain
S21-Gain
Parameter
Frequency Range
Supply Voltage
Single Ended CATV Evaluation
Application Circuit: Forward (30MHz ~ 870MHz)
Input
Output
Vdd
Vdd
AP2221
3.9nH
10nF
10nF
10nF
D31250(Balun)
D31250(Balun)
10nF
10nF
10nF
10nF
10nF
10nF
10nF
0.5pF
1kohm
1uH
1uH
WireWound
WireWound
NOTE
1. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com