Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2221 Datasheet(PDF) 5 Page - RFHIC

Part # AP2221
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2221 Datasheet(HTML) 5 Page - RFHIC

  AP2221 Datasheet HTML 1Page - RFHIC AP2221 Datasheet HTML 2Page - RFHIC AP2221 Datasheet HTML 3Page - RFHIC AP2221 Datasheet HTML 4Page - RFHIC AP2221 Datasheet HTML 5Page - RFHIC AP2221 Datasheet HTML 6Page - RFHIC AP2221 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M
MM
MIIC
C
A
AP
P22222211
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Multi-Tone Test 135ch@+37dBmV (Vdd +6V)
Level: +37dBmV
Tilt: 135
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
61.9
68.4
68.6
83.4
78.4
80.1
56
63.4
63.4
53.99
77.25
61.9
69.8
70
83.5
65.5
65.5
78
83
87.3
75.9
109.25
62.5
68.3
68.4
84
78.4
79.8
109.99
67.2
67.3
107.99
211.25
62.5
68.8
68.9
84
74.4
75
212.49
70.1
70.3
209.98
331.25
63.7
68.5
68.6
82.4
72.4
72.9
332.49
72
72.4
329.99
445.25
64.1
69.2
69.3
83.5
73.1
73.5
446.49
73.9
74.4
443.99
547.25
65.7
70.1
70.4
81.5
72.6
73.2
548.5
74.9
76
545.98
637.25
65.7
69.8
70.1
82
72.7
73.3
638.49
76.9
78.6
635.98
745.25
65.4
70.7
71.2
81.4
70.2
70.6
746.49
77.5
79.7
743.99
859.25
65.3
71.7
72.5
79.7
67.3
67.6
860.49
78
82.4
858.49
Min
61.9
68.3
68.4
79.7
65.5
65.5
56
63.4
63.4
53.99
Max
65.7
71.7
72.5
84
78.4
80.1
860.49
83
87.3
858.49
Multi-Tone Test 135ch@+37dBmV (Vdd +7V)
Level: +37dBm
Tilt: 135CH_FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
62.2
69
69.1
83.4
78.5
80.4
55.99
63.4
63.4
53.99
77.25
62.5
70.8
71.1
83.4
65.5
65.5
77.99
83
87.4
75.94
109.25
63.2
69.3
69.4
83.8
78.6
80.2
109.99
67.2
67.3
107.99
211.25
63.2
69.8
70
84
74.1
74.5
212.49
69.8
70
209.99
331.25
64.4
69.2
69.4
82.7
72.6
73
332.5
71.9
72.3
329.99
445.25
64.8
70.1
70.3
83.6
73.3
73.8
446.49
73.8
74.3
443.99
547.25
66.5
71.2
71.6
81.5
73.2
73.9
548.49
74.8
75.9
545.99
637.25
66.4
71
71.4
82.1
73.1
73.6
638.49
76.4
77.9
635.98
745.25
66.3
72
72.6
81.6
71
71.4
746.49
77
78.9
743.99
859.25
66.4
72.5
73.5
79.6
67.9
68.2
860.49
77.9
82.2
858.5
Min
62.2
69
69.1
79.6
65.5
65.5
55.99
63.4
63.4
53.99
Max
66.5
72.5
73.5
84
78.6
80.4
860.49
83
87.4
858.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com