Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIDP880 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STIDP880
Description  iDP to LVDS converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIDP880 Datasheet(HTML) 2 Page - STMicroelectronics

  STIDP880 Datasheet HTML 1Page - STMicroelectronics STIDP880 Datasheet HTML 2Page - STMicroelectronics STIDP880 Datasheet HTML 3Page - STMicroelectronics STIDP880 Datasheet HTML 4Page - STMicroelectronics STIDP880 Datasheet HTML 5Page - STMicroelectronics STIDP880 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
STiDP880
2/6
Doc ID 16899 Rev 1
1
Description
The STiDP880 is an internal DisplayPort to high-speed Dual LVDS/Quad LVDS converter IC
targeted for the interconnection between a TV controller SOC and panel TCON. STiDP880
is a proposed VESA iDP compliant device, implementing a single link internal DisplayPort
input comprising four Main Link lanes and HPD, which operates without a sideband channel.
This device supports the proposed standard iDP link rate of 3.24 Gbps per lane with a total
link bandwidth of 12.96 Gbps, allowing interface connectivity for a wide range of panels up
to FHD 120 Hz and 10 bits per color. The advanced equalizer built in this device offers
robust performance over FFC and UTP type cables.
The STiDP880 supports RGB video color formats with color depth of 10 and 8 bits. This
device offers LVDS output interface configurable to map a wide range of pixel data mapping,
such as JEIDA, non-JEIDA, and VESA types. The Quad LVDS interface supports video
signals up to 400 MHz pixel rate with flexible channel and lane swapping options. In Dual
LVDS configuration, STiDP880 can support up to 300 MHz pixel rate.
The STiDP880 is designed to operate in standalone mode (without any programming from
an external microcontroller) with default configuration of four lanes DP input and QLVDS
output with non-JEIDA mapping. However, the device is configurable from an external
microcontroller through I2C host interface for custom configuration.
Figure 1.
System diagram
TV
SoC
LVDSx4
STiDP880
Panel TCON
I2C Host
Interface
iDP
4 Main Lanes
HPD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com