Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIDP880 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STIDP880
Description  iDP to LVDS converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIDP880 Datasheet(HTML) 3 Page - STMicroelectronics

  STIDP880 Datasheet HTML 1Page - STMicroelectronics STIDP880 Datasheet HTML 2Page - STMicroelectronics STIDP880 Datasheet HTML 3Page - STMicroelectronics STIDP880 Datasheet HTML 4Page - STMicroelectronics STIDP880 Datasheet HTML 5Page - STMicroelectronics STIDP880 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STiDP880
Benefits
Doc ID 16899 Rev 1
3/6
2
Benefits
●
Industry's first iDP receiver based on ST's market proven DisplayPort technology
●
Offers robust interoperability with ST and third party iDP transmitters
●
Highly integrated single chip solution for FHD 120 Hz TV panel; two devices supports
FHD240Hz panel over eight Main Link lanes
●
Flexible interface to ease system design – DP 1, 2, 4 lane configuration, high speed
LVDS 2, 4 channels
●
Standalone operation with default LVDS mappings matches to majority non-JEIDA FHD
120 Hz TV panels
●
I2C host interface for custom configurations – LVDS channel mappings, equalization
settings, color depth selection, etc.
●
Low EMI – supports down-spread DP input and spectrum-spreading of LVDS channels
●
Low power – active power sub 800 mW max and 20 mW standby



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com