Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIDP880 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIDP880
Description  iDP to LVDS converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIDP880 Datasheet(HTML) 1 Page - STMicroelectronics

  STIDP880 Datasheet HTML 1Page - STMicroelectronics STIDP880 Datasheet HTML 2Page - STMicroelectronics STIDP880 Datasheet HTML 3Page - STMicroelectronics STIDP880 Datasheet HTML 4Page - STMicroelectronics STIDP880 Datasheet HTML 5Page - STMicroelectronics STIDP880 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2009
Doc ID 16899 Rev 1
1/6
6
STiDP880
iDP to LVDS converter
Features
Internal DisplayPort (iDP) receiver
– Compliant with proposed iDP specification
– 3.24 Gbps per lane
– 1, 2, or 4 lanes
– HPD pulse assertion as per proposed iDP
standard
Supports video timings up to 1920 x 1080
(FHD) 120 Hz/10-bit color
Interface compatibility with wide range of
panels
– Quad LVDS interface up to 100 MHz per
channel (400 MHz pixel rate)
– High speed dual-link LVDS up to 150 MHz
per channel (300 MHz pixel rate)
– Supports JEIDA, non-JEIDA, VESA pixel
data mappings
Supports Asynchronous Scrambler Seed
Reset (ASSR) for premium contents reception
Configurable through I2C host interface
Supports Spread Spectrum for EMI/RFI
reduction
Robust interoperability – supports FFC and
UTP type cables
Low power operation; 20 mW standby
Package
– 164 LFBGA (12 x 12 mm/0.8 mm pitch)
– HF and RoHS compliant
Power supply voltages
– 3.3 V I/O; 1.2 V core
ESD
– 2 KV HBM, 200 V MM, 600V CDM
Applications
High refresh rate TV/monitor panel interface
Q-LVDS
output
4 Main Lanes
I2C Host
Interface
Bus Formatter
LVDS Outputs
Internal
DisplayPort
Receiver
HPD
iDP Input
www.st.com


Similar Part No. - STIDP880

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STID128 STMICROELECTRONICS-STID128 Datasheet
162Kb / 4P
DOCSIS 3.0 and video front-end for gateway set-top box and cable modem
17-Dec-2012
More results

Similar Description - STIDP880

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
Axiomtek Co., Ltd.
AX95601 AXIOMTEK-AX95601 Datasheet
130Kb / 1P
LVDS Converter
logo
California Eastern Labs
THC63LVD1022 CEL-THC63LVD1022 Datasheet
553Kb / 17P
30Bit Color/150Mpps Dual-Link LVDS to LVCMOS converter
logo
Analog Devices
AD9253 AD-AD9253_17 Datasheet
1Mb / 41P
Serial LVDS 1.8 V Analog-to-Digital Converter
Rev. B
logo
Axiomtek Co., Ltd.
AX93221 AXIOMTEK-AX93221_17 Datasheet
288Kb / 1P
LVDS to DVI-D Converter
logo
Analogix Semiconductor,...
ANX1121 ANALOGIX-ANX1121 Datasheet
210Kb / 2P
Low Cost DisplayPort™ to LVDS Converter
July 2014
logo
Chrontel, Inc.
CH7036 CHRONTEL-CH7036 Datasheet
175Kb / 8P
CH7036 LVDS to HDMI/VGA/LVDS Converter
Rev. 1.5 06/30/2020
CH7511B CHRONTEL-CH7511B Datasheet
203Kb / 7P
CH7511B eDP to LVDS Converter
Rev. 1.2 07/15/2020
CH7513A CHRONTEL-CH7513A Datasheet
217Kb / 8P
CH7513A DP/eDP to LVDS or DP/eDP Converter
Rev 1.1 2023-05-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com