Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5541ABCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5541ABCPZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541ABCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5541ABCPZ Datasheet HTML 2Page - Analog Devices AD5541ABCPZ Datasheet HTML 3Page - Analog Devices AD5541ABCPZ Datasheet HTML 4Page - Analog Devices AD5541ABCPZ Datasheet HTML 5Page - Analog Devices AD5541ABCPZ Datasheet HTML 6Page - Analog Devices AD5541ABCPZ Datasheet HTML 7Page - Analog Devices AD5541ABCPZ Datasheet HTML 8Page - Analog Devices AD5541ABCPZ Datasheet HTML 9Page - Analog Devices AD5541ABCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5541A/AD5542A/AD5512A
Preliminary Technical Data
Rev. P
rA | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +6 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
VOUT to AGND
−0.3 V to VDD + 0.3 V
AGND, AGNDF, AGNDS to DGND
−0.3 V to +0.3 V
Input Current to Any Pin Except Supplies
±10 mA
Operating Temperature Range
Industrial (A, B, C Versions)
−40°C to +85°C
Commercial (J, L Versions)
0°C to 70°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature (TJ max)
150°C
Package Power Dissipation
(TJ max − TA)/θJA
Thermal Impedance, θJA
SOIC (R-8)
149.5°C/W
SOIC (R-14)
104.5°C/W
Lead Temperature, Soldering
Peak Temperature1
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 As per JEDEC Standard 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com