Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5541ABCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD5541ABCPZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541ABCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5541ABCPZ Datasheet HTML 16Page - Analog Devices AD5541ABCPZ Datasheet HTML 17Page - Analog Devices AD5541ABCPZ Datasheet HTML 18Page - Analog Devices AD5541ABCPZ Datasheet HTML 19Page - Analog Devices AD5541ABCPZ Datasheet HTML 20Page - Analog Devices AD5541ABCPZ Datasheet HTML 21Page - Analog Devices AD5541ABCPZ Datasheet HTML 22Page - Analog Devices AD5541ABCPZ Datasheet HTML 23Page - Analog Devices AD5541ABCPZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Rev. P
rA | Page 21 of 24
ORDERING GUIDE
Model
INL
DNL
Clear to Code
Temperature Range
Package
Description
Package
Option
AD5541ABRMZ
±1 LSB
±1 LSB
Midscale
−40°C to +105°C
10-Lead MSOP
RM-10
AD5541AARMZ
±2 LSB
±1 LSB
Midscale
−40°C to +105°C
10-Lead MSOP
RM-10
AD5541ABCPZ
±1 LSB
±1 LSB
Midscale
−40°C to +105°C
10-Lead LFCSP
CP-10-9
AD5541AACPZ
±2 LSB
±1 LSB
Midscale
−40°C to +105°C
10-Lead LFCSP
CP-10-9
AD5541ABCPZ-1
±1 LSB
±1 LSB
Zero-scale
−40°C to +105°C
8-Lead LFCSP
CP_8-3
AD5542ABRUZ
±1 LSB
±1 LSB
Midscale
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5542AARUZ
±2 LSB
±1 LSB
Midscale
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5542ASRUZ
±1 LSB
±1 LSB
Midscale
−55°C to +125°C
16-Lead TSSOP
RU-16
AD5542ABCPZ
±1 LSB
±1 LSB
Midscale
−40°C to +105°C
16-Lead LFCSP
CP-16-22
AD5542AACPZ
±2 LSB
±1 LSB
Midscale
−40°C to +105°C
16-Lead LFCSP
CP-16-22
AD5442ABCPZ-1
±1 LSB
±1 LSB
Midscale
−40°C to +105°C
10-Lead LFCSP
CP-10-9
AD5512AACPZ
±1 LSB
±1 LSB
Midscale
−40°C to +105°C
16-Lead LFCSP
CP-16-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com